Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA982C3R Datasheet(PDF) 1 Page - Fuji Electric

Part # YA982C3R
Description  Low-Loss Fast Recovery Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA982C3R Datasheet(HTML) 1 Page - Fuji Electric

  YA982C3R Datasheet HTML 1Page - Fuji Electric YA982C3R Datasheet HTML 2Page - Fuji Electric YA982C3R Datasheet HTML 3Page - Fuji Electric YA982C3R Datasheet HTML 4Page - Fuji Electric YA982C3R Datasheet HTML 5Page - Fuji Electric YA982C3R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
YA982C3R
Maximum Rating and Characteristics
Maximum ratings (at Ta=25˚C unless otherwise specified.)
Item
Symbols
Conditions
Ratings
Units
Repetitive peak reverse voltage
VRRM
-
300
V
Average output current
Io
50Hz Square wave duty =1/2
Tc = 128˚C
10 *
A
Non-repetitive forward surge current**
IFSM
Sine wave, 10ms 1shot
90
A
Operating junction temperature
Tj
-
150
˚C
Storage temperature
Tstg
-
-40 to +150
˚C
Note* Out put current of center tap full wave connection.
Note** Rating per element
Electrical characteristics (at Ta=25˚C unless otherwise specified.)
Item
Symbols
Conditions
Maximum
Units
Forward voltage***
VF
IF =5 A
1.3
V
Reverse current***
IR
VR =VRRM
20
µA
Reverse recovery time***
trr
IF =0.1A, IR =0.2A, Irec =0.05A
0.04
µS
Thermal resistance
Rth(j-c)
Junction to case
1.75
˚C/W
Note*** Rating per element
http://www.fujisemi.com
FUJI Diode
Mechanical characteristics
Item
Conditions
Maximum
Units
Mounting torque
Recommended torque
0.3 to 0.5
N•m
Approximate mass
-
2.0
g
Low-Loss Fast Recovery Diode


Similar Part No. - YA982C3R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
YA982C4R FUJI-YA982C4R Datasheet
606Kb / 6P
Low-Loss Fast Recovery Diode
YA982C6R FUJI-YA982C6R Datasheet
189Kb / 12P
SILICON DIODE
YA982C6R FUJI-YA982C6R_10 Datasheet
651Kb / 6P
Low-Loss Fast Recovery Diode
More results

Similar Description - YA982C3R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
PG985C3R FUJI-PG985C3R Datasheet
525Kb / 6P
Low-Loss Fast Recovery Diode
PH975C6 FUJI-PH975C6_10 Datasheet
531Kb / 6P
Low-Loss Fast Recovery Diode
TS906C3R FUJI-TS906C3R Datasheet
559Kb / 6P
Low-Loss Fast Recovery Diode
TS985C4R FUJI-TS985C4R Datasheet
561Kb / 6P
Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
Low-Loss Fast Recovery Diode
YA982S6R FUJI-YA982S6R_10 Datasheet
711Kb / 6P
Low-Loss Fast Recovery Diode
YG982C6R FUJI-YG982C6R Datasheet
699Kb / 6P
Low-Loss Fast Recovery Diode
YG912S6RR FUJI-YG912S6RR Datasheet
662Kb / 6P
Low-Loss Fast Recovery Diode
YG971S8R FUJI-YG971S8R Datasheet
853Kb / 6P
Low-Loss Fast Recovery Diode
YG982C3R FUJI-YG982C3R Datasheet
666Kb / 6P
Low-Loss Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com