Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YA982C4R Datasheet(PDF) 4 Page - Fuji Electric

Part # YA982C4R
Description  Low-Loss Fast Recovery Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

YA982C4R Datasheet(HTML) 4 Page - Fuji Electric

  YA982C4R Datasheet HTML 1Page - Fuji Electric YA982C4R Datasheet HTML 2Page - Fuji Electric YA982C4R Datasheet HTML 3Page - Fuji Electric YA982C4R Datasheet HTML 4Page - Fuji Electric YA982C4R Datasheet HTML 5Page - Fuji Electric YA982C4R Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
YA982C4R
5
http://www.fujisemi.com
FUJI Diode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
110
120
130
140
150
160
Square wave λ=60°
Square wave λ=120°
λ
:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (Io-Tc)(max.)
Io Average Output Current (A)
0
0
0
1
0
0
1
0
1
1
1
10
100
1000
Junction Capacitance Characteristic (typ.)
VR Reverse Voltage (V)
0
0
1
0
1
1
1
10
100
1000
Surge Capability(max.)
Number of Cycles at 50Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com