Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS103 Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS103
Description  Acapella Optical Modem IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS103 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button ACS103 Datasheet HTML 2Page - Semtech Corporation ACS103 Datasheet HTML 3Page - Semtech Corporation ACS103 Datasheet HTML 4Page - Semtech Corporation ACS103 Datasheet HTML 5Page - Semtech Corporation ACS103 Datasheet HTML 6Page - Semtech Corporation ACS103 Datasheet HTML 7Page - Semtech Corporation ACS103 Datasheet HTML 8Page - Semtech Corporation ACS103 Datasheet HTML 9Page - Semtech Corporation ACS103 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ACS103 Issue 2.03 May 1996.
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Power supply VD+ and VA+
(VDD = VD+ or VA+)
VDD
-0.3
6.0
V
Input voltage
(non-supply pins)
Vin
GND - 0.3
VDD + 0.3
V
Input current
(except LDN,LDP,CNT,VG)
Iin
-
10.0
mA
Input current
( LDN,LDP,CNT)
Iin
-
1.0
mA
Storage temperature
Tstor
-50
160
ºC
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Power supply
(VA+ and VD+)
V+
4.75
5.0
5.25
V
Ambient temperature range
TA
-40
-
85
ºC
Static Digital Input Characteristics (for specified operating conditions)
Input pins: DR 1/2/3/4 , DM 1/2/3, SEL, CKC, RSS, TXD1/2/3, RTS, DTR, XI3, XTI, PORB,
TxCL(input).
Link Budget Examples
Cable
200 micron
100 micron
62.5 micron
50 micron
Typical transmit couple power to fiber (µW)
1200
260
100
40
Minimum LED responsivity (A/W)
0.05
0.06
0.1
0.12
Available current (µA)
60
15.6
10
4.8
Minimum ACS103 sensitivity (nA)
650
650
650
650
Link Budget (dB)
20
14
12
8
Above examples using nominal "B" spec. LED diodes. "A" spec. LEDs offer superior performance, e.g. > 12 dB link budget
on 50 µm fiber. "A" spec. LEDs are available from Acapella.
Parameter
Symbol
Min
Typ
Max
Units
Vin High (except PORB)
Vih
2.0
-
-
V
Vin Low (except PORB)
Vil
-
-
0.8
V
Vin High (PORB)
Vih
0.8 * VD+
-
-
V
Vin Low (PORB)
Vil
-
-
0.2 * VD+
V
Pull-up resistor
(except XTI and TxCL)
PU
50k
125k
340k
Ω
Input current (Note 1)
Iin
-
-
100
µA
Note 1:
Input current is mainly attributed to pull-up resistor, so it applies when input is Low. The High input current is < +/-10 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com