Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS104A Datasheet(PDF) 8 Page - Semtech Corporation

Part # ACS104A
Description  ACS104A Fiber Modem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS104A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button ACS104A Datasheet HTML 4Page - Semtech Corporation ACS104A Datasheet HTML 5Page - Semtech Corporation ACS104A Datasheet HTML 6Page - Semtech Corporation ACS104A Datasheet HTML 7Page - Semtech Corporation ACS104A Datasheet HTML 8Page - Semtech Corporation ACS104A Datasheet HTML 9Page - Semtech Corporation ACS104A Datasheet HTML 10Page - Semtech Corporation ACS104A Datasheet HTML 11Page - Semtech Corporation ACS104A Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
2
Advanced Communications
ACS104A Data Sheet
Absolute Maximum Ratings
Operating Conditions
Static Digital Input Conditions (for specified operating conditions)
For Digital Input pins: TxD, RTS, DTR, PORB, RII, DP, DR(3:1), DM(3:1), HD(2:1).
Note 1:
Output source and sink currents should be kept to a minimum in order to achieve low power
consumption.
Dynamic Characteristics (for specified operating conditions)
Note 2: See section on Calculating average current and power consumption
Static Digital Output Conditions (for specified operating conditions)
For Digital Output pins: RxD, DSR, CTS, DCDB, ERRL, RIO, HBT.
Matching Characteristics (for specified operating conditions)
Parameter
Symbol
Min
Typ
Max
Units
Crystal frequency
(XTI, XTO)
XTAL
5
27
MHz
External clock (XTI)
High or Low time
fclp
40
-
60
%
RxD and TxD data rate
Function of DR(1:3) setting
fclf
DC
-
XTAL/150
Hz
Digital output - fall time
tf
-
-
100
ns
Digital output - rise time
tr
-
-
100
ns
Power consumption
(Note 2)
Pc
-
20
-
mW
Parameter
Symbol
Min
Typ
Max
Units
Vin High
Vih
2.0
-
-
V
Vin Low
Vil
-
-
0.8
V
Input current (High)
Iin
-
0.2
5
µA
Input current (Low)
Iin
-
8
15
µA
Parameter
Symbol
Min
Typ
Max
Units
Power supply
(VA+ and VD+)
V+
3.3
5.0
5.25
V
Ambient temperature range
TA
-40
-
85
ºC
Figure 1. Signal Positioning, PLCC28 & TQFP44
Parameter
Symbol
Min
Typ
Max
Units
Crystal tolerance
use parallel resonate crystal and
recommended padding capacitors
Ct
-250
0
250
ppm
Amplifier sensitivity input current
Irec
500
-
-
nA
Maximum amplifier input current
Imax
-
-
500
µA
Rtrc placed between TRC and GND
Rtrc
0.8k
-
40k
Ω
LED current
Rtrc = 1 kOhm
Rtrc = 40 kOhms
Iled
75
1.8
100
2.5
125
3.2
mA
Block Error Rate
BER
-
-
10-9
PIN capacitance with Vr = 0
Cl
-
-
20
pF
PIN leakage current
Lleak
-
-
150
nA
Pin reverse bias
Vr
-
0
-
V
Parameter
Symbol
Min
Max
Units
Power supply VD+ and VA+
(VDD = VD+ or VA+)
VDD
-0.3
6.0
V
Input voltage
(non-supply pins)
Vin
GND - 0.3
VDD + 0.3
V
Input current
(except
LAN,LAP,PINN,PINP,CNT)
Iin
-
10.0
mA
Input current
( LAN,LAP,PINN,PINP,CNT)
Iin
-
1.0
mA
Storage temperature
Tstor
-50
160
ºC
Parameter
Symbol
Min
Typ
Max
Units
Vout Low
Vol
0
-
0.5
V
Vout High
Voh
VDD-0.5
--
V
Isource and Isink (except HBT)
(Note 1)
Iout
4
-
-
mA
Isource and Isink (HBT)
Iout
16
-
-
mA
Max load capacitance
Cl
-
-
50
pF
Important Note: The "Absolute Maximum Ratings" are stress ratings only, and functional operation of the device at conditions other
than those indicated in the "Operating Conditions" sections of this specification are not implied. Exposure to the absolute maximum
ratings for an extended period may reduce the reliability or useful lifetime of the product.
ELECTRICAL SPECIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com