Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3518 Datasheet(PDF) 6 Page - EPCOS

Part # B3518
Description  SAW Diplexer Automotive telematics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3518 Datasheet(HTML) 6 Page - EPCOS

Back Button B3518 Datasheet HTML 2Page - EPCOS B3518 Datasheet HTML 3Page - EPCOS B3518 Datasheet HTML 4Page - EPCOS B3518 Datasheet HTML 5Page - EPCOS B3518 Datasheet HTML 6Page - EPCOS B3518 Datasheet HTML 7Page - EPCOS B3518 Datasheet HTML 8Page - EPCOS B3518 Datasheet HTML 9Page - EPCOS B3518 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
April 07, 2011
B3518
1575.00 / 1602.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Diplexer
Data sheet
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Input power
PIN
10
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com