Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4301 Datasheet(PDF) 3 Page - EPCOS

Part # B4301
Description  SAW RF filter Short range devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4301 Datasheet(HTML) 3 Page - EPCOS

  B4301 Datasheet HTML 1Page - EPCOS B4301 Datasheet HTML 2Page - EPCOS B4301 Datasheet HTML 3Page - EPCOS B4301 Datasheet HTML 4Page - EPCOS B4301 Datasheet HTML 5Page - EPCOS B4301 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
December 01, 2010
B4301
915.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
915.00
—
MHz
Maximum insertion attenuation
α
max
902.00 ...
928.00 MHz
—
1.5
2.5
dB
Amplitude ripple (p-p)
∆α
902.00 ...
928.00 MHz
—
0.9
1.8
dB
Attenuation
α
10.00 ...
800.00 MHz
42
50
—
dB
800.00 ...
845.00 MHz
40
46
—
dB
845.00 ...
880.00 MHz
35
43
—
dB
947.00 ...
970.00 MHz
13
22
—
dB
970.00 ... 1020.00 MHz
33
39
—
dB
1020.00 ... 1200.00 MHz
35
41
—
dB
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Source power
PS
10
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com