Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4305 Datasheet(PDF) 3 Page - EPCOS

Part # B4305
Description  SAW Rx filter Automotive telematics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4305 Datasheet(HTML) 3 Page - EPCOS

  B4305 Datasheet HTML 1Page - EPCOS B4305 Datasheet HTML 2Page - EPCOS B4305 Datasheet HTML 3Page - EPCOS B4305 Datasheet HTML 4Page - EPCOS B4305 Datasheet HTML 5Page - EPCOS B4305 Datasheet HTML 6Page - EPCOS B4305 Datasheet HTML 7Page - EPCOS B4305 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
April 5, 2011
B4305
1960.00 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–20 to +75 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 150 Ω || 15 nH (balanced)
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1960
—
MHz
Maximum insertion attenuation
α
max
1930.0 ... 1990.0
MHz
—
1.7
2.6
dB
Amplitude ripple (p-p)
∆α
1930.0 ... 1990.0
MHz
—
0.7
1.7
dB
VSWR
1930.0 ... 1990.0
MHz
—
1.7
2.4
CMRR (|S21-S31| / |S21+S31|)
1930.0 ... 1990.0
MHz
191)
1) A CMRR of 19.6 dB corresponds to a phase imbalance of +10
˚ together with an amplitude im-
balance of +1.0 dB.
26
—
dB
Attenuation
α
0.0 ... 1500.0
MHz
40
44
—
dB
1500.0 ... 1830.0
MHz
30
37
—
dB
1830.0 ... 1850.0
MHz
26
32
—
dB
1850.0 ... 1890.0
MHz
23
28
—
dB
1890.0 ... 1910.0
MHz
11
18
—
dB
2010.0 ... 2070.0
MHz
42)
2) 11.5dB at 25
˚C
14
—
dB
2070.0 ... 2400.0
MHz
26
30
—
dB
2400.0 ... 2500.0
MHz
34
40
—
dB
2500.0 ... 3860.0
MHz
28
33
—
dB
3860.0 ... 3980.0
MHz
40
49
—
dB
3980.0 ... 5790.0
MHz
28
41
—
dB
5790.0 ... 6000.0
MHz
34
42
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com