Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7959 Datasheet(PDF) 6 Page - EPCOS

Part # B7959
Description  SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7959 Datasheet(HTML) 6 Page - EPCOS

Back Button B7959 Datasheet HTML 2Page - EPCOS B7959 Datasheet HTML 3Page - EPCOS B7959 Datasheet HTML 4Page - EPCOS B7959 Datasheet HTML 5Page - EPCOS B7959 Datasheet HTML 6Page - EPCOS B7959 Datasheet HTML 7Page - EPCOS B7959 Datasheet HTML 8Page - EPCOS B7959 Datasheet HTML 9Page - EPCOS B7959 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
February 11, 2011
B7959
1732.5 / 2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics for CDMA 1x AWS Band
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω
RX teminating impedance:
ZRx = 100 Ω (balanced) || 8.2nH
Characteristics Tx-Antenna
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
-
1732.5
-
MHz
Maximum insertion attenuation
α
1710.00 ... 1755.00 MHz
-
1.6
2.0
dB
Amplitude ripple (p-p)
∆α
1710.00 ... 1755.00 MHz
-
0.3
0.7
dB
Input VSWR (Tx port)
1710.00 ... 1755.00 MHz
-
1.7
2.0
Output VSWR (Ant Port)
1710.00 ... 1755.00 MHz
-
1.6
2.0
Attenuation
α
10.0
... 1565.4
MHz
30
37
-
dB
728.0
...
764.0
MHz
39
43
-
dB
851.0
...
894.0
MHz
37
41
-
dB
1565.4
... 1573.3
MHz
40
48
-
dB
1573.3
... 1577.5
MHz
45
51
-
dB
1577.5
... 1585.5
MHz
40
50
-
dB
1597.5
... 1605.9
MHz
45
50
-
dB
1805.0
... 1880.0
MHz
20
43
-
dB
1930.0
... 1990.0
MHz
38
42
-
dB
2110.0
... 2155.0
MHz
43
47
-
dB
2400.0
... 2500.0
MHz
32
35
-
dB
3410.0
... 3520.0
MHz
20
32
-
dB
5120.0
... 5350.0
MHz
20
23
-
dB
5725.0
... 5850.0
MHz
20
25
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com