Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B8553 Datasheet(PDF) 2 Page - EPCOS

Part # B8553
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8553 Datasheet(HTML) 2 Page - EPCOS

  B8553 Datasheet HTML 1Page - EPCOS B8553 Datasheet HTML 2Page - EPCOS B8553 Datasheet HTML 3Page - EPCOS B8553 Datasheet HTML 4Page - EPCOS B8553 Datasheet HTML 5Page - EPCOS B8553 Datasheet HTML 6Page - EPCOS B8553 Datasheet HTML 7Page - EPCOS B8553 Datasheet HTML 8Page - EPCOS B8553 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
April 15, 2011
B8553
836.50 / 881.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary Data
Revision History
Changes compared to previously issued iteration
Issue
Originator
Detailed specification changes
Date
LJ17D 1.0
D. Penunuri
Initial release
March 10, 2011
B8553 1.0
D. Penunuri
Change to B-code, change Tx band isolation
specification to 60 dB
April 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com