Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA55 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPSA55
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA55 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPSA55 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1999. 11. 30
1/1
SEMICONDUCTOR
TECHNICAL DATA
MPSA55
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 3
AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
FEATURES
Complementary to MPSA05.
Driver Stage Application of 20 to 25 Watts Amplifiers.
MAXIMUM RATING (Ta=25
)
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-60V, IE=0
-
-
-100
nA
Emitter Cut-off Current
ICEO
VCE=-60V, IB=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-5mA, IB=0
-60
-
-
V
DC Current Gain
hFE(1)
VCE=-1V, IC=-10mA
100
-
-
hFE(2)
VCE=-1V, IC=-100mA
100
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-
-0.25
V
Base-Emitter Voltage
VBE
VCE=-1V, IC=-100mA
-
-
-1.2
V
Transition Frequency
fT
VCE=-1V, IC=-100mA
50
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
14
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Emitter Current
IE
500
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55
150


Similar Part No. - MPSA55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA55 MOTOROLA-MPSA55 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA55 ONSEMI-MPSA55 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Fairchild Semiconductor
MPSA55 FAIRCHILD-MPSA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
58Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO FREQUENCY AMPLIFIER)
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
More results

Similar Description - MPSA55

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com