Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5232B Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MMBZ5232B
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBZ5232B Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MMBZ5232B Datasheet HTML 1Page - KEC(Korea Electronics) MMBZ5232B Datasheet HTML 2Page - KEC(Korea Electronics) MMBZ5232B Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2002. 6. 3
1/3
SEMICONDUCTOR
TECHNICAL DATA
MMBZ5221B~5252B
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
Revision No : 1
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
・Small Package : SOT-23.
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
1. NC
2. ANODE
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
L
L
P
P
P
7
2
1
3
+_
* Note PD* : Package Mounted on 99.5% alumina 10×8×0.6mm.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD*
300
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
Type No.
MMBZ5229B MMBZ5230B MMBZ5231B MMBZ5232B MMBZ5233B MMBZ5234B MMBZ5235B MMBZ5236B
Mark
8D
8E
8F
8G
8H
8J
8K
8L
Type No.
MMBZ5245B MMBZ5246B MMBZ5247B MMBZ5248B MMBZ5249B MMBZ5250B MMBZ5251B MMBZ5252B
Mark
8V
8W
8X
8Y
8Z
81A
81B
81C
Type No.
MMBZ5237B MMBZ5238B MMBZ5239B
00BZ5240B
MMBZ5241B MMBZ5242B MMBZ5243B MMBZ5244B
Mark
8M
8N
8P
8Q
8R
8S
8T
8U
Type No.
MMBZ5221B MMBZ5222B MMBZ5223B MMBZ5224B MMBZ5225B MMBZ5226B MMBZ5227B MMBZ5228B
Mark
18A
18B
18C
18D
18E
8A
8B
8C
MARK Spec
Type Name
Marking
Lot No.


Similar Part No. - MMBZ5232B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5232B PANJIT-MMBZ5232B Datasheet
132Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMBZ5232B FAIRCHILD-MMBZ5232B Datasheet
204Kb / 6P
Zeners
logo
Shanghai Lunsure Electr...
MMBZ5232B CHENYI-MMBZ5232B Datasheet
21Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Diodes Incorporated
MMBZ5232B DIODES-MMBZ5232B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Micro Commercial Compon...
MMBZ5232B MCC-MMBZ5232B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
More results

Similar Description - MMBZ5232B

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com