Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E647ATF Datasheet(PDF) 8 Page - Semtech Corporation

Part # E647ATF
Description  Pin Electronics Driver, Window Comparator, and Switch Matrix
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E647ATF Datasheet(HTML) 8 Page - Semtech Corporation

Back Button E647ATF Datasheet HTML 4Page - Semtech Corporation E647ATF Datasheet HTML 5Page - Semtech Corporation E647ATF Datasheet HTML 6Page - Semtech Corporation E647ATF Datasheet HTML 7Page - Semtech Corporation E647ATF Datasheet HTML 8Page - Semtech Corporation E647ATF Datasheet HTML 9Page - Semtech Corporation E647ATF Datasheet HTML 10Page - Semtech Corporation E647ATF Datasheet HTML 11Page - Semtech Corporation E647ATF Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge647
Package Information
(continued)
3
DETAIL "A"
e / 2
b
0 MIN.
0.08 / 0.20 R.
GAUGE PLANE
0.25
0 – 7
L
C.08
R. MIN.
0.20 MIN.
1.00 REF.
DATUM
PLANE
– H –
A1
0.05
A2
–
S
DETAIL "B"
9
;;;
;;;
SS
D
C
ddd
M
A – B
WITH LEAD FINISH
Lead
Cross Section
0.09 / 0.20
0.09 / 0.16
b
b
1
BASE METAL
2
8 PLACES
11 / 13
A
0.10
/ /
C
M
SEE DETAIL "B"
0.05
ccc
– H –
– C –
SECTION C–C
JEDEC VARIATION
All Dimensions in Millimeters
AC
Min.
Nom.
Max.
Note
A
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
D
9.00
BSC.
4
D1
7.00
BSC.
7,8
E
9.00
BSC.
4
E1
7.00
BSC.
7,8
L
0.45
0.60
0.75
M
0.15
N32
e
0.80 BSC.
b
0.30
0.37
0.45
9
b1
0.30
0.35
0.40
ccc
0.10
ddd
0.20
Notes:
1.
All dimensions and tolerances conform to ANSI
Y14.5-1982.
2.
Datum plane -H- located at mold parting line and
coincident with lead, where lead exits plastic
body at bottom of parting line.
3.
Datums A-B and -D- to be determined at
centerline between leads where leads exit
plastic body at datum plane -H-.
4.
To be determined at seating plane -C-.
5.
Dimensions D1 and E1 do not include mold
protrusion.
6.
“N” is the total # of terminals.
7.
These dimensions to be determined at the
datum plane -H-.
8.
Package top dimensions are smaller than
bottom dimensions and top of package will
not overhang bottom of package.
9.
Dimension b does not include dambar
protrusion. Allowable dambar protrusion
shall be 0.08 mm total in excess of the b
dimension at maximum material condition.
Dambar cannot be located on the lower
radius or the foot.
10.
Controlling dimension: millimeter.
11.
Maximum allowable die thickness to be
assembled in this package family is 0.30
millimeters.
12.
This outline conforms to JEDEC publication 95,
registration MO-136, variations AC, AE, and AF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com