Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1787 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LPC1787
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1787 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LPC1787 Datasheet HTML 3Page - NXP Semiconductors LPC1787 Datasheet HTML 4Page - NXP Semiconductors LPC1787 Datasheet HTML 5Page - NXP Semiconductors LPC1787 Datasheet HTML 6Page - NXP Semiconductors LPC1787 Datasheet HTML 7Page - NXP Semiconductors LPC1787 Datasheet HTML 8Page - NXP Semiconductors LPC1787 Datasheet HTML 9Page - NXP Semiconductors LPC1787 Datasheet HTML 10Page - NXP Semiconductors LPC1787 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
7 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
5.
Block diagram
(1) Not available on all parts. See Table 2.
Fig 1.
Block diagram
SRAM
96/80/40 kB
ARM
CORTEX-M3
TEST/DEBUG
INTERFACE
FLASH
ACCELERATOR
FLASH
512/256/128/64 kB
GPDMA
CONTROLLER
I-code
bus
D-code
bus
system
bus
AHB TO
APB
BRIDGE 0
HIGH-SPEED
GPIO
AHB TO
APB
BRIDGE 1
4032 B/
2016 B
EEPROM
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
clocks and
controls
JTAG
interface
debug
port
SSP0/2
USART4(1)
UART2/3
SYSTEM CONTROL
SSP1
UART0/1
I2C0/1
CAN 0/1
TIMER 0/1
WINDOWED WDT
12-bit ADC
PWM0/1
PIN CONNECT
GPIO INTERRUPT CONTROL
RTC
BACKUP REGISTERS
EVENT RECORDER
32 kHz
OSCILLATOR
APB slave group 1
APB slave group 0
RTC POWER DOMAIN
LPC178x/7x
master
ETHERNET(1)
master
USB
DEVICE/
HOST(1)/OTG(1)
master
002aaf528
slave
slave
CRC
slave
slave
slave
slave
ROM
EMC
slave
slave
LCD(1)
slave
MULTILAYER AHB MATRIX
I2C2
TIMER2/3
DAC
I2S
QUADRATURE ENCODER(1)
MOTOR CONTROL PWM
SD/MMC(1)
= connected to GPDMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com