Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9600D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9600D
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9600D Datasheet HTML 1Page - NXP Semiconductors PCA9600D Datasheet HTML 2Page - NXP Semiconductors PCA9600D Datasheet HTML 3Page - NXP Semiconductors PCA9600D Datasheet HTML 4Page - NXP Semiconductors PCA9600D Datasheet HTML 5Page - NXP Semiconductors PCA9600D Datasheet HTML 6Page - NXP Semiconductors PCA9600D Datasheet HTML 7Page - NXP Semiconductors PCA9600D Datasheet HTML 8Page - NXP Semiconductors PCA9600D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 5 May 2011
2 of 31
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
3.
Applications
Interface between I2C-buses operating at different logic levels (for example, 5 V and
3V or 15 V)
Interface between I2C-bus and SMBus (350
μA) standard or Fm+ standard
Simple conversion of I2C-bus SDA or SCL signals to multi-drop differential bus
hardware, for example, via compatible PCA82C250
Interfaces with opto-couplers to provide opto-isolation between I2C-bus nodes up to
1MHz
Long distance point-to-point or multipoint architectures
4.
Ordering information
4.1 Ordering options
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA9600D
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCA9600DP
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
PCA9600D
PCA9600
−40 °C to +85 °C
PCA9600DP
9600
−40 °C to +85 °C
Fig 1.
Block diagram of PCA9600
PCA9600
SX (SDA)
RX (RxD, SDA)
SY (SCL)
TX (TxD, SDA)
TY (TxD, SCL)
GND
RY (RxD, SCL)
002aac835
VCC (2.5 V to 15 V)
8
1
7
4
3
2
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com