Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9601DP Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9601DP
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DP Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9601DP Datasheet HTML 17Page - NXP Semiconductors PCA9601DP Datasheet HTML 18Page - NXP Semiconductors PCA9601DP Datasheet HTML 19Page - NXP Semiconductors PCA9601DP Datasheet HTML 20Page - NXP Semiconductors PCA9601DP Datasheet HTML 21Page - NXP Semiconductors PCA9601DP Datasheet HTML 22Page - NXP Semiconductors PCA9601DP Datasheet HTML 23Page - NXP Semiconductors PCA9601DP Datasheet HTML 24Page - NXP Semiconductors PCA9601DP Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
21 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
10.2.1 Example with questions and answers
Question: On a falling edge of TX we measure undershoot at
−800 mV at the linked
TX, RX pins of the PCA9601 that is generating the LOW, but the PCA9601 data sheet
specifies minimum
−0.3 V. Does this mean that we violate the data sheet absolute
value?
Answer: For PCA9601 the
−0.3 V Absolute Maximum rating is not intended to apply to
transients, it is a DC rating. As shown in Figure 24, there is no theoretical reason for any
undershoot at the IC that is driving the bus LOW and no significant undershoot should
be observed when using reasonable care with the ground connection of the ‘scope. It is
more likely that undershoot observed at a driving PCA9601 is caused by local stray
inductance and capacitance in the circuit and by the oscilloscope connections. As
shown, undershoot will be generated by PCB traces, wiring, or cables driven by a
PCA9601 because the allowed value of the I2C-bus pull-up resistor generally is larger
than that required to correctly terminate the wiring. In this example, with no IC
connected at the end of the wiring, the undershoot is about 2 V.
Fig 24. Transients generated by the bus wiring
002aaf078
time (ns)
2
0
4
6
voltage
(V)
−2
horizontal scale = 62.5 ns/div
send
receive
5 V
RX
TX
SX
PCA9601
send
300
Ω
5 V
2 meter
cable
5 V
300
Ω
GND
receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com