Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8583 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8583
Description  Clock and calendar with 240 x 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8583 Datasheet HTML 20Page - NXP Semiconductors PCF8583 Datasheet HTML 21Page - NXP Semiconductors PCF8583 Datasheet HTML 22Page - NXP Semiconductors PCF8583 Datasheet HTML 23Page - NXP Semiconductors PCF8583 Datasheet HTML 24Page - NXP Semiconductors PCF8583 Datasheet HTML 25Page - NXP Semiconductors PCF8583 Datasheet HTML 26Page - NXP Semiconductors PCF8583 Datasheet HTML 27Page - NXP Semiconductors PCF8583 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
24 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
11. Application information
11.1 Quartz frequency adjustment
11.1.1 Method 1: Fixed OSCI capacitor
By evaluating the average capacitance necessary for the application layout, a fixed
capacitor can be used. The frequency is measured using the 1 Hz signal available after
power-on at the interrupt output (pin 7). The frequency tolerance depends on the quartz
crystal tolerance, the capacitor tolerance and the device-to-device tolerance. Average
deviations of
±5 minutes per year are possible.
11.1.2 Method 2: OSCI trimmer
Using the alarm function (via the I2C-bus) a signal faster than the 1 Hz is generated at the
interrupt output for fast setting of a trimmer.
Procedure:
• Power the device on
• Initialize the device (alarm functions).
Routine:
• Set clock to time t and set alarm to time t + Δt
• at time t + Δt (interrupt) repeat routine.
11.1.3 Method 3: Direct measurement
Direct measurement of oscillator output (allowing for test probe capacitance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com