Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85134 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF85134
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85134 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF85134 Datasheet HTML 2Page - NXP Semiconductors PCF85134 Datasheet HTML 3Page - NXP Semiconductors PCF85134 Datasheet HTML 4Page - NXP Semiconductors PCF85134 Datasheet HTML 5Page - NXP Semiconductors PCF85134 Datasheet HTML 6Page - NXP Semiconductors PCF85134 Datasheet HTML 7Page - NXP Semiconductors PCF85134 Datasheet HTML 8Page - NXP Semiconductors PCF85134 Datasheet HTML 9Page - NXP Semiconductors PCF85134 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
PCF85134_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 December 2009
6 of 40
NXP Semiconductors
PCF85134
Universal LCD driver for low multiplex rates
7.
Functional description
The PCF85134 is a versatile peripheral device designed to interface any microprocessor
or microcontroller to a wide variety of LCDs. It can directly drive any static or multiplexed
LCD containing up to four backplanes and up to 60 segments.
The display configurations possible with the PCF85134 depend on the number of active
backplane outputs required. A selection of display configurations is shown in Table 4. All
of these configurations can be implemented in the typical system shown in Figure 3.
The host microprocessor or microcontroller maintains the 2-line I2C-bus communication
channel with the PCF85134.
Biasing voltages for the multiplexed LCD waveforms are generated internally, removing
the need for an external bias generator. The internal oscillator is selected by connecting
pin OSC to VSS. The only other connections required to complete the system are the
power supplies (pins VDD, VSS and VLCD) and the LCD panel selected for the application.
7.1 Power-On Reset (POR)
At power-on, the PCF85134 resets to the following default starting conditions:
• All backplane outputs are set to VLCD
• All segment outputs are set to VLCD
• The selected drive mode is: 1:4 multiplex with 1
⁄
3 bias
• Blinking is switched off
• Input and output bank selectors are reset
Table 4.
Selection of display configurations
Number of
7-segment alphanumeric
14-segment alphanumeric
Dot matrix
Backplanes
Elements
Digits
Indicator symbols
Characters
Indicator symbols
4
240
30
30
16
16
240 (4
× 60)
3
180
22
26
12
12
180 (3
× 60)
2
120
15
15
8
8
120 (2
× 60)
1
60
7
11
4
4
60 (1
× 60)
Fig 3.
Typical system configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
R
tr
2Cb
SDA
SCL
OSC
60 segment drives
4 backplanes
LCD PANEL
(up to 240
elements)
PCF85134
A0
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
013aaa206
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com