Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8564ACX9-B-1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8564ACX9-B-1
Description  Real time clock and calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564ACX9-B-1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8564ACX9-B-1 Datasheet HTML 12Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 13Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 14Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 15Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 16Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 17Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 18Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 19Page - NXP Semiconductors PCF8564ACX9-B-1 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 30 September 2010
16 of 45
NXP Semiconductors
PCF8564A
Real time clock and calendar
[1]
Default value.
8.8 Timer function
The 8-bit countdown timer at address 0Fh is controlled by the timer control register at
address 0Eh. The timer control register determines one of 4 source clock frequencies for
the timer (4.096 kHz, 64 Hz, 1 Hz, or 1
⁄
60 Hz) and enables or disables the timer. The timer
counts down from a software-loaded 8-bit binary value. At the end of every countdown,
the timer sets the TF (Timer Flag) to logic 1. The TF may only be cleared using the
interface.
The generation of interrupts from the timer function is controlled via bit TIE. If bit TIE is
enabled the INT pin follows the condition of bit TF. The interrupt may be generated as a
pulsed signal every countdown period or as a permanently active signal which follows the
condition of the timer flag TF. TI_TP is used for this mode control. When reading the timer,
the current countdown value is returned.
8.8.1 Register Timer_ctrl
[1]
Default value.
[2]
These bits determine the source clock for the countdown timer; when not in use, TD[1:0] should be set to
1
⁄
60 Hz for power saving.
Table 22.
CLKOUT_ctrl - CLKOUT control register (address 0Dh) bit description
Bit
Symbol
Value
Description
7
FE
0
the CLKOUT output is inhibited and CLKOUT output is
set to logic 0
1[1]
the CLKOUT output is activated
6 to 2 -
-
unused
1 to 0 FD[1:0]
frequency output at pin CLKOUT
00[1]
32.768 kHz
01
1.024 kHz
10
32 Hz
11
1 Hz
Table 23.
Timer_ctrl - timer control register (address 0Eh) bit description
Bit
Symbol
Value
Description
7TE
0[1]
timer is disabled
1
timer is enabled
6 to 2 -
-
unused
1 to 0 TD[1:0]
timer source clock frequency select[2]
00
4.096 kHz
01
64 Hz
10
1 Hz
11[2]
1
⁄
60 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com