Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF85176T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF85176T
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176T Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF85176T Datasheet HTML 1Page - NXP Semiconductors PCF85176T Datasheet HTML 2Page - NXP Semiconductors PCF85176T Datasheet HTML 3Page - NXP Semiconductors PCF85176T Datasheet HTML 4Page - NXP Semiconductors PCF85176T Datasheet HTML 5Page - NXP Semiconductors PCF85176T Datasheet HTML 6Page - NXP Semiconductors PCF85176T Datasheet HTML 7Page - NXP Semiconductors PCF85176T Datasheet HTML 8Page - NXP Semiconductors PCF85176T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1.
General description
The PCF85176 is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 40 segments. It can be easily
cascaded for larger LCD applications. The PCF85176 is compatible with most
microprocessors or microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with
auto-incremented addressing, by hardware subaddressing, and by display memory
switching (static and duplex drive modes).
2.
Features and benefits
Single chip LCD controller and driver
Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
Selectable display bias configuration: static, 1
⁄
2, or
1
⁄
3
Internal LCD bias generation with voltage-follower buffers
40 segment drives:
Up to twenty 7-segment alphanumeric characters
Up to ten 14-segment alphanumeric characters
Any graphics of up to 160 elements
40
× 4-bit RAM for display data storage
Auto-incremented display data loading across device subaddress boundaries
Display memory bank switching in static and duplex drive modes
Versatile blinking modes
Independent supplies possible for LCD and logic voltages
Wide power supply range: from 1.8 V to 5.5 V
Wide logic LCD supply range:
From 2.5 V for low-threshold LCDs
Up to 6.5 V for guest-host LCDs and high-threshold twisted nematic LCDs
Low power consumption
400 kHz I2C-bus interface
May be cascaded for large LCD applications (up to 2560 elements possible)
No external components required
Manufactured in silicon gate CMOS process
PCF85176
Universal LCD driver for low multiplex rates
Rev. 01 — 14 April 2010
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 16.


Similar Part No. - PCF85176T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85176 NXP-PCF85176 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCF85176T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com