Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9552PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9552PW
Description  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552PW Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9552PW Datasheet HTML 1Page - NXP Semiconductors PCA9552PW Datasheet HTML 2Page - NXP Semiconductors PCA9552PW Datasheet HTML 3Page - NXP Semiconductors PCA9552PW Datasheet HTML 4Page - NXP Semiconductors PCA9552PW Datasheet HTML 5Page - NXP Semiconductors PCA9552PW Datasheet HTML 6Page - NXP Semiconductors PCA9552PW Datasheet HTML 7Page - NXP Semiconductors PCA9552PW Datasheet HTML 8Page - NXP Semiconductors PCA9552PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
4 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
5.2 Pin description
[1]
HVQFN package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must be
connected to supply ground for proper device operation. For enhanced thermal, electrical, and board level
performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad on the
board and for proper heat conduction through the board, thermal vias need to be incorporated in the
printed-circuit board in the thermal pad region.
Table 2:
Pin description
Symbol
Pin
Description
SO24, TSSOP24
HVQFN24
A0
1
22
address input 0
A1
2
23
address input 1
A2
3
24
address input 2
LED0
4
1
LED driver 0
LED1
5
2
LED driver 1
LED2
6
3
LED driver 2
LED3
7
4
LED driver 3
LED4
8
5
LED driver 4
LED5
9
6
LED driver 5
LED6
10
7
LED driver 6
LED7
11
8
LED driver 7
VSS
12
9 [1]
ground supply
LED8
13
10
LED driver 8
LED9
14
11
LED driver 9
LED10
15
12
LED driver 10
LED11
16
13
LED driver 11
LED12
17
14
LED driver 12
LED13
18
15
LED driver 13
LED14
19
16
LED driver 14
LED15
20
17
LED driver 15
RESET
21
18
active LOW reset input
SCL
22
19
serial clock line
SDA
23
20
serial data line
VDD
24
21
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com