Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP117F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # TIP117F
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

TIP117F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  TIP117F_07 Datasheet HTML 1Page - KEC(Korea Electronics) TIP117F_07 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 5. 21
2/2
TIP117F
Revision No : 0
h
- I
C
COLLECTOR CURRENT I
(A)
-0.01
100K
10
FE
C
-0.1
-1
-10
30
100
300
10K
30K
V
=-4V
CE
1
CB
COLLECTOR-BASE VOLTAGE V
(V)
C
- V
CB
-0.01
ob
-0.1
-1
-10
-100
3
5
10
30
50
100
300
500
1k
f=0.1MHz
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
-1
-1
-2
-3
-4
-5
I =-100
µA
B
-2
-3
-4
-5
-200
µA
-300µ
A
-400
µA
-500
µA
-900
µA
-1000
µA
-800
µA
-700
µA
-600
µA
10
0.01
0.1
0.3
1
3
30
100
0.1
1
10
I
/I
=500
C
COLLECTOR CURRENT I
(A)
C
CE(sat)
BE(sat)
V
, V
- I C
BE(sat)
V
CE(sat)
V
B
0
0
CASE TEMPERATURE Ta ( C)
D
P
- Ta
50
100
150
200
5
10
15
20
25
30
0.1
5
1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
3
10
30
50
100
0.3
0.5
1
3
5
10
SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
TEMPERATURE
I
MAX(PULSED)
C
DC OPERATION
Tc=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com