Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9564 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9564
Description  Parallel bus to I2C-bus controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9564 Datasheet HTML 18Page - NXP Semiconductors PCA9564 Datasheet HTML 19Page - NXP Semiconductors PCA9564 Datasheet HTML 20Page - NXP Semiconductors PCA9564 Datasheet HTML 21Page - NXP Semiconductors PCA9564 Datasheet HTML 22Page - NXP Semiconductors PCA9564 Datasheet HTML 23Page - NXP Semiconductors PCA9564 Datasheet HTML 24Page - NXP Semiconductors PCA9564 Datasheet HTML 25Page - NXP Semiconductors PCA9564 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
22
SDA
SCL
SU01755
tHD;STA
tF
S
tLOW
tR
tHD;DAT
tSU;DAT
tHIGH
tF
tSU;STA
SR
tHD;STA
tSP
tSU;STO
P
tR
tBUF
S
Figure 18. Definition of timing
I2C-BUS TIMING SPECIFICATIONS
All the timing limits are valid within the operating supply voltage and ambient temperature range; VDD = 2.5 V ± 0.2 V and 3.3 V ± 0.3 V,
Tamb = –40 to +85 °C; and refer to VIL and VIH with an input voltage of VSS to VDD.
SYMBOL
PARAMETER
STANDARD-MODE
I2C-BUS
FAST-MODE
I2C-BUS
UNITS
MIN
MAX
MIN
MAX
fSCL
Operating frequency
0
100
0
400
kHz
tBUF
Bus free time between STOP and START conditions
4.7
—
1.3
—
µs
tHD;STA
Hold time after (repeated) START condition
4.0
—
0.6
—
µs
tSU;STA
Repeated START condition setup time
4.7
—
0.6
—
µs
tSU;STO
Setup time for STOP condition
4.0
—
0.6
—
µs
tHD;DAT
Data in hold time
0
—
0
—
ns
tVD;ACK
Valid time for ACK condition
—
0.6
—
0.6
µs
tVD;DAT(L)
Data out valid time LOW
—
0.6
—
0.6
µs
tVD;DAT(H)
Data out valid time HIGH
—
0.6
—
0.6
µs
tSU;DAT
Data setup time
250
—
100
—
ns
tLOW
Clock LOW period
4.7
—
1.3
—
µs
tHIGH
Clock HIGH period
4.0
—
0.6
—
µs
tF
Clock/Data fall time
—
0.3
—
0.3
µs
tR
Clock/Data rise time
—
1
—
0.3
µs
tSP
Pulse width of spikes that must be suppressed by the input filters
—
50
—
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com