Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P50A13D-R1B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # P50A13D-R1B
Description  46.5~50WAC-DC Triple Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P50A13D-R1B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  P50A13D-R1B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P50A13D-R1B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PINNO
1
2
3
4
5
OUTPUT
COM
COM
+5VDC
-
+Vout
Vout
1
2
3
4
5
45
o
P 5 0 A - T series
MechanicalSpecification
Unit:mm
Plug Assignment
Standardplug:R1B(option)
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
Ta(
)
0
10
20
30
60
100
40
46.5~50W AC-DC TripleOutputDesktop
P 5 0 A - T series
FileName:P50A-T-SPEC2007-05-14
21.5
69.9
144.5
RUBBERFOOTX4
NAMEPLATE
147
54.8
10.2
POWERLED
144.5
43
UL246418AWG1220+100/-0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com