Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD-16 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PCD-16
Description  16W Single Output AC Dimmable LED Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PCD-16 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PCD-16 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PCD-16 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PCD-16 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PCD-16 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
FileName:PCD-16-SPEC2011-07-28
CaseNo.PCD16A
Unit:mm
2-
3.6
2-
3.6
2-
8.9
2-
8.9
84
84
UL143018AWG
UL143018AWG
UL143018AWG
V+(RED)
V+(RED)
V-(BLACK)
V-(BLACK)
3
3
3
3
75 5
75 5
150 10
150 10
7.3
7.3
7.3
7.3
H03VVH2-F18AWG
A Type:(PCD-16-_A)
BType:(PCD-16-_B)
AC/N(BLUE)
AC/N(WHITE)
AC/L(BROWN)
AC/L(BLACK)
10
10
T case
T case
T case:Max.Case Temperature.
T case:Max.Case Temperature.
fosc:90KHz(115VAC)
120KHz(230VAC)
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
&
O.C.P.
POWER
SWITCHING
BlockDiagram
16WSingleOutput ACDimmableLEDPowerSupply
P C D - 1 6 series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com