Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78DXXL-AA3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78DXXL-AA3-R
Description  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXL-AA3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78DXXL-AA3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXL-AA3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXL-AA3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXL-AA3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXL-AA3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXL-AA3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXL-AA3-R Datasheet HTML 7Page - Unisonic Technologies 78DXXL-AA3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
78DXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R101-005,R
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
35
V
Output Current
IOUT
0.5
A
SOT-223
8.5
Power Dissipation (TC=25°C)
TO-251 / TO-252
PD
10
W
Operating Junction Temperature
TJ
-20~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
15
Junction to Case
TO-251 / TO-252
θJC
12.5
°C/W
ELECTRICAL CHARACTERISTICS
(TJ=25°C, CI =0.33μF, CO=0.1μF, PD≤7W, unless otherwise specified)
For 78D05 (VIN=10V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
4.8
5
5.2
V
Output Voltage
VOUT
VIN =7.5~20V,IOUT=5mA~0.5A
4.75
5.25
V
IOUT=5mA~0.5A
100
mV
Load Regulation
ΔVOUT
IOUT=5mA~200 mA
50
mV
VIN =7V~25V
100
mV
Line Regulation
ΔVOUT
VIN =7.5~20V, IOUT=0.5A
50
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VUT =7.5~20V
1
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
40
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-0.6
mV/°C
Ripple Rejection
RR
VIN =8~18V,f=120Hz
62
80
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V
For 78D06 (VIN=11V, IOUT=0.5A)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA~0.5A
5.76
6
6.24
V
Output Voltage
VOUT
VIN=8.5~21V,IOUT=5mA~0.5A
5.7
6.3
V
IOUT=5mA~0.5A
60
mV
Load Regulation
ΔVOUT
IOUT=5mA~200mA
30
mV
VIN=8~25V
60
mV
Line Regulation
ΔVOUT
VIN=8.5~21V, IOUT=0.5A
60
mV
Quiescent Current
IQ
IOUT=0.5A
8
mA
VIN =8.5~21V
1
mA
Quiescent Current Change
ΔIQ
IOUT=5mA~0.5A
0.5
mA
Output Noise Voltage
eN
10Hz≤f≤100kHz
45
μV
Temperature coefficient of VOUT
ΔVOUT/ΔTIOUT=5mA
-0.7
mV/°C
Ripple Rejection
RR
VIN =9~19V,f=120Hz
59
75
dB
Peak Output Current
IPEAK
1.2
A
Short-Circuit Current
ISC
VIN=35V
250
mA
Dropout Voltage
VD
2
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com