Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34118G-S28-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # MC34118G-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34118G-S28-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button MC34118G-S28-R Datasheet HTML 4Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 5Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 6Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 7Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 8Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 9Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 10Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 11Page - Unisonic Technologies MC34118G-S28-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC34118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R108-007,D
FUNCTIONAL DESCRIPTION(Cont.)
Definition of the above is as follows:
Trems
Definition
Transmit
The transmit attenuator is fully on: +6dB. And the receive attenuator is at max. attenuation :-46dB
Receive
Both attenuators are controlled by the volume control. At max. Volume the receive attenuator is fully
on: +6dB, and the transmit attenuator is at max.attenuation:-46dB.
Fast Idle
Both transmit and receive speech are present in approximately equal levels.
The attenuators are quickly switched to idle until one speech level dominates the other.
Slow Idle
Speech has ceased in both transmit and receive paths. The attenuators are then slowly switched to
the idle mode.
A summary of the truth table is:
1. Under all the below situations the circuit will switch to transmit :
(1) Both transmit level detectors sense signals relative to the respective receive level detectors
TLI1 versus RLI1, TLI2 versus RLI2
(2) The transmit background noise monitor indicates the presence of speech.
2. Under all the below situations the circuit will switch to receive
(1) Both receive level detectors sense higher signal levels relative to the respective transmit level detectors
(2) The receive background noise monitor indicates the presence of speech.
3. Under all the below situations the circuit will switch to the fast Idle mode:
(1) If the level detectors disagree on the relative strengths of the signal levels
(2) At least one of the background noise monitor indicates speech.
There are two conditions which can cause the fast idle mode to occur:
(A) When both talkers are attempting to gain control of the system by talking at the same time
(B) When one talker is in a very noisy environment, forcing the other to continually over-ride that noise level. In
general, the fast idle mode will occur infrequently.
4. Under any of the below situations the circuit will switch to the slow idle mode
(1) Both talkers are quiet( no speech present)
(2) When one talker’s speech level is continuously over-ride by noise at the other speaker’s location.
CT pin (pin14) determine the time required to switch the circuit between transmit, receive, fast idle, and slow
idle.
A schematic of the CT circuitry operates as follows:
*
RT =120kΩ (typ.), and CT =5µF (typ.).
*
Switching to the receive mode
I1 is turned on; I2 is off,
Charging the external capacitor to +240mV above VB
An internal clamp prevents further charging of the capacitor).
*
Switching to the transmit mode
I2 is turned on; I1 is off,
Bringing down the voltage on the capacitor to -240mV with respect VB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com