Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6227Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6227Q
Description  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6227Q_09 Datasheet HTML 2Page - STMicroelectronics L6227Q_09 Datasheet HTML 3Page - STMicroelectronics L6227Q_09 Datasheet HTML 4Page - STMicroelectronics L6227Q_09 Datasheet HTML 5Page - STMicroelectronics L6227Q_09 Datasheet HTML 6Page - STMicroelectronics L6227Q_09 Datasheet HTML 7Page - STMicroelectronics L6227Q_09 Datasheet HTML 8Page - STMicroelectronics L6227Q_09 Datasheet HTML 9Page - STMicroelectronics L6227Q_09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin connection
L6227Q
6/27
Table 4.
Pin description
N°
Pin
Type
Function
1, 21
GND
GND
Signal ground terminals.
9OUT1B
Power output Bridge B output 1.
11
RCB
RC pin
RC network pin. A parallel RC network connected between this pin and
ground sets the current controller OFF-time of the bridge B.
12
SENSEB
Power supply
Bridge B source pin. This pin must be connected to power ground through a
sensing power resistor.
13
IN1B
Logic input
Bridge B input 1
14
IN2B
Logic input
Bridge B input 2
15
VREFB
Analog input
Bridge B current controller reference voltage.
Do not leave this pin open or connect to GND.
16
ENB
Logic input (1)
Bridge B enable. LOW logic level switches OFF all power MOSFETs of bridge
B. This pin is also connected to the collector of the overcurrent and thermal
protection transistor to implement over current protection.
If not used, it has to be connected to +5 V through a resistor.
17
VBOOT
Supply
voltage
Bootstrap voltage needed for driving the upper power MOSFETs of both
bridge A and Bridge B.
19
OUT2B
Power output Bridge B output 2.
20
VSB
Power supply
Bridge B power supply voltage. It must be connected to the supply voltage
together with pin VSA.
22
VSA
Power supply
Bridge A power supply voltage. It must be connected to the supply voltage
together with pin VSB.
23
OUT2A
Power output Bridge A output 2.
24
VCP
Output
Charge pump oscillator output.
25
ENA
Logic input (1)
Bridge A enable. LOW logic level switches OFF all power MOSFETs of bridge
A. This pin is also connected to the collector of the overcurrent and thermal
protection transistor to implement over current protection.
If not used, it has to be connected to +5 V through a resistor.
26
VREFA
Analog input
Bridge A current controller reference voltage.
Do not leave this pin open or connect to GND.
27
IN1A
Logic input
Bridge A logic input 1.
28
IN2A
Logic input
Bridge A logic input 2.
29
SENSEA
Power supply
Bridge A source pin. This pin must be connected to power ground through a
sensing power resistor.
30
RCA
RC pin
RC network pin. A parallel RC network connected between this pin and
ground sets the current controller OFF-time of the bridge A.
31
OUT1A
Power output Bridge A output 1.
1.
Also connected at the output drain of the over current and thermal protection MOSFET. Therefore, it has to be driven
putting in series a resistor with a value in the range of 2.2 k
Ω - 180 kΩ, recommended 100 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com