Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 4 Page - Semtech Corporation

Part # LM2576
Description  1A & 3A Miniconverter Switching Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LM2576 Datasheet(HTML) 4 Page - Semtech Corporation

  LM2576 Datasheet HTML 1Page - Semtech Corporation LM2576 Datasheet HTML 2Page - Semtech Corporation LM2576 Datasheet HTML 3Page - Semtech Corporation LM2576 Datasheet HTML 4Page - Semtech Corporation LM2576 Datasheet HTML 5Page - Semtech Corporation LM2576 Datasheet HTML 6Page - Semtech Corporation LM2576 Datasheet HTML 7Page - Semtech Corporation LM2576 Datasheet HTML 8Page - Semtech Corporation LM2576 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
ã 2001 Semtech Corp.
www.semtech.com
LM2575 & LM2576
POWER MANAGEMENT
Notes:
(1) Output sourcing current, resistive load, no inductor or capacitor.
(2) Feedback = V
O + 1.0V.
(3) Feedback = 0V.
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
t
n
e
rr
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
)
2
(
V
0
=
t
u
p
t
u
OI
L
V
N
I
V
=
N
I
d
e
t
a
R2
A
m
V
1
-
=
t
u
p
t
u
O
5
.
70
3
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
Q
)
2
(
I
Q
50
1A
m
2
1
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
Q
y
b
d
n
a
t
SI
Y
B
T
S
0
5A
µ
)
V
5
=
n
i
P
ff
O
/
n
O
(
0
0
5
l
e
v
e
L
t
u
p
n
I
c
i
g
o
L
n
i
P
ff
O
/
n
OV
H
I
2
.
24
.
1V
4
.
2
V
L
I
2
.
10
.
1
V
8
.
0
t
n
e
rr
u
C
t
u
p
n
I
n
i
P
ff
O
/
n
OI
H
I
V
F
F
O
/
N
O
)f
f
O
(
V
5
=2
10
3A
µ
I
L
I
V
F
F
O
/
N
O
)
n
O
(
V
0
=0
0
1
Unless otherwise specified: V
IN = 12V for 3.3V, 5V and ADJ options and 25V for 12V option; VOUT = 5V for ADJ option; TA = 25ºC; VIN rated = 40V;
I
O = 0.5 to 3A (LM2576), 0.2 to 1A (LM2575). Values in bold apply over full operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com