Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6227Q Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6227Q
Description  DMOS dual full bridge driver with PWM current controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6227Q Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6227Q Datasheet HTML 12Page - STMicroelectronics L6227Q Datasheet HTML 13Page - STMicroelectronics L6227Q Datasheet HTML 14Page - STMicroelectronics L6227Q Datasheet HTML 15Page - STMicroelectronics L6227Q Datasheet HTML 16Page - STMicroelectronics L6227Q Datasheet HTML 17Page - STMicroelectronics L6227Q Datasheet HTML 18Page - STMicroelectronics L6227Q Datasheet HTML 19Page - STMicroelectronics L6227Q Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Circuit description
L6227Q
16/27
4.6
Non-dissipative overcurrent protection
The L6227Q integrates an overcurrent detection circuit (OCD). This circuit provides
protection against a short circuit to ground or between two phases of the bridge. With this
internal over current detection, the external current sense resistor normally used and its
associated power dissipation are eliminated.
Figure 14 shows a simplified schematic of the
overcurrent detection circuit.
To implement the over current detection, a sensing element that delivers a small but precise
fraction of the output current is implemented with each high side power MOS. Since this
current is a small fraction of the output current there is very little additional power
dissipation. This current is compared with an internal reference current IREF. When the
output current in one bridge reaches the detection threshold (typically 2.8 A) the relative
OCD comparator signals a fault condition. When a fault condition is detected, the EN pin is
pulled below the turn off threshold (1.3 V typical) by an internal open drain MOS with a pull
down capability of 4 mA. By using an external R-C on the EN pin, the off time before
recovering normal operation can be easily programmed by means of the accurate
thresholds of the logic inputs.
Figure 14.
Overcurrent protection simplified schematic
Figure 15 shows the overcurrent detection operation. The disable time t
DISABLE before
recovering normal operation can be easily programmed by means of the accurate
thresholds of the logic inputs. It is affected whether by CEN and REN values and its
magnitude is reported in
Figure 16. The delay time t
DELAY before turning off the bridge when
an overcurrent has been detected depends only by CEN value. Its magnitude is reported in
Figure 17.
CEN is also used for providing immunity to pin EN against fast transient noises. Therefore
the value of CEN should be chosen as big as possible according to the maximum tolerable
delay time and the REN value should be chosen according to the desired disable time.
The resistor REN should be chosen in the range from 2.2 kΩ to 180 kΩ. Recommended
values for REN and CEN are respectively 100 kΩ and 5.6 nF that allow obtaining 200 µs
disable time.
+
OVER TEMPERATURE
IREF
(I1A+I2A) / n
I1A / n
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER DMOS
n cells
POWER DMOS
n cells
HIGH SIDE DMOSs OF
THE BRIDGE A
OUT1A
OUT2A
VSA
I1A
I2A
I2A / n
FROM THE
BRIDGE B
OCD
COMPARATOR
OCD
COMPARATOR
TO GATE
LOGIC
INTERNAL
OPEN-DRAIN
RDS(ON)
40
Ω TYP.
CEN.
REN.EN
VDD
µC or LOGIC
D01IN1337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com