Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951A Datasheet(PDF) 4 Page - Semtech Corporation

Part # LP2951A
Description  150mA ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LP2951A Datasheet(HTML) 4 Page - Semtech Corporation

  LP2951A Datasheet HTML 1Page - Semtech Corporation LP2951A Datasheet HTML 2Page - Semtech Corporation LP2951A Datasheet HTML 3Page - Semtech Corporation LP2951A Datasheet HTML 4Page - Semtech Corporation LP2951A Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LP2951A
© 1998 SEMTECH CORP.
150mA ADJUSTABLE
VOLTAGE REGULATOR
March 17, 1998
652 MITCHELL ROAD NEWBURY PARK CA 91320
4
PRINCIPLES OF OPERATION (LP2951 and LP2951A) (cont.)
Reducing Output Noise
In ultra-quiet systems, or when the LP2951(A) is being
used as a reference, it may be desirable to perform
additional output filtering to reduce noise. While this
can be done simply using larger capacitors on the out-
put, that solution tends to be bulky and expensive, and
eventually, with huge capacitors (>1,000µF) may cause
instability in the regulator. Generally, it is more cost-
effective to let the regulator regulate output noise
away. This can be done by bypassing the upper resis-
tor in the feedback divider with a small capacitor to
provide a more direct path for AC feedback. The size
of this capacitor can be calculated from the formula:
C
BYPASS =
where R1 is the upper resistor of the feedback divider
and f
corner is the frequency above which the increased
AC feedback is to become active. Because the gain of
the error amplifier in the LP2951(A) begins to roll off at
about 300 Hz, this is generally an optimum choice for
corner frequency.
The reduction of the output noise will be proportional to
the ratio of the two resistors in the feedback divider,
and will increase 20 dB per decade at frequencies
above the corner frequency chosen, up to the fre-
quency where the error amplifier’s gain has rolled off to
1 (
≈100KHz). In order to maintain regulator stability
when using a noise-reducing bypass capacitor, it will
also be necessary to increase the size of the output
filter capacitor by the ratio
2
R
1
R
1
R
+
2
R
1
R
1
R
+
corner
1f
R
2
1
π



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com