Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728D Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6728D
Description  Single-phase PWM controller with Power Good
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6728D Datasheet HTML 9Page - STMicroelectronics L6728D Datasheet HTML 10Page - STMicroelectronics L6728D Datasheet HTML 11Page - STMicroelectronics L6728D Datasheet HTML 12Page - STMicroelectronics L6728D Datasheet HTML 13Page - STMicroelectronics L6728D Datasheet HTML 14Page - STMicroelectronics L6728D Datasheet HTML 15Page - STMicroelectronics L6728D Datasheet HTML 16Page - STMicroelectronics L6728D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
L6728D
Overcurrent protection
Doc ID 16498 Rev 1
13/33
8
Overcurrent protection
The overcurrent function protects the converter from a shorted output or overload, by
sensing the output current information across the low side MOSFET drain-source on-
resistance, RDS(on). This method reduces cost and enhances converter efficiency by
avoiding the use of expensive and space-consuming sense resistors.
The low side RDS(on) current sense is implemented by comparing the voltage at the PHASE
node when the LS MOSFET is turned on with the programmed OCP threshold voltages,
internally held. If the monitored voltage is higher than these thresholds, an overcurrent event
is detected.
For maximum safety and load protection, the L6728D implements a dual-level overcurrent
protection system:
1st level threshold: This is the user externally-set threshold. If the monitored voltage
on PHASE exceeds this threshold, a 1st level overcurrent is detected. If four 1st level
OC events are detected in four consecutive switching cycles, overcurrent protection is
triggered.
2nd level threshold: This is an internal threshold whose value is equal to the 1st level
threshold multiplied by a factor 1.5. If the monitored voltage on PHASE exceeds this
threshold, overcurrent protection is triggered immediately.
When overcurrent protection is triggered, the device turns off both the LS and HS MOSFETs
in a latched condition.
To recover from an overcurrent protection-triggered condition, the VCC power supply must
be cycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com