| Electronic Components Datasheet Search |
|
L6738TR Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6738TR Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 32 page ![]() L6738 Application details Doc ID 18133 Rev 1 25/32 Connect output bulk capacitors (COUT) as near as possible to the load, minimizing parasitic inductance and resistance associated to the copper trace, also adding extra de coupling capacitors along the way to the load when this results in being far from the bulk capacitors bank. Remote Sense Connection must be routed as parallel nets from the FBG/VSEN pins to the load in order to avoid the pick-up of any common mode noise. Connecting these pins in points far from the load causes a non-optimum load regulation, increasing output tolerance. Locate current reading components close to the device. The PCB traces connecting the reading point must use dedicated nets, routed as parallel traces in order to avoid the pick-up of any common mode noise. It's also important, to avoid any offset in the measurement and, to get a better precision, to connect the traces as close as possible to the sensing elements. A small filtering capacitor can be added, near the controller, between VOUT and GND, on the CSN line to allow higher layout flexibility. Figure 11. Power Connections (heavy lines) Gate traces and phase trace must be sized according to the driver RMS current delivered to the power MOSFET. The device robustness allows the managing of applications with the power section far from the controller without losing performance. However, when possible, it is recommended to minimize the distance between the controller and power section. Small signal components and connections to critical nodes of the application, as well as bypass capacitors for the device supply, are also important. Locate the bypass capacitor (VCC and bootstrap capacitor) and feedback compensation components as close to the device as practical. Figure 12. Drivers turn-on and turn-off paths L CIN VIN UGATE PHASE LGATE GND LOAD L6738 COUT RGATE RINT CGD CGS CDS VCCDR LS DRIVER LS MOSFET GND LGATE RGATE RINT CGD CGS CDS BOOT HS DRIVER HS MOSFET PHASE UGATE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |