Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCP-2000 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-2000
Description  2000W Front End Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-2000 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RCP-2000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-2000 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPECIFICATION-SingleUnit
RCP-2000-12
RCP-2000-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
EFFICIENCY (Typ.)
POWERFACTOR(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
ACCURRENT (Typ.)
12V
24V
100A
80A
0~100A
0~80A
1200W
1920W
150mVp-p
10.5~14V
200mVp-p
21~28V
2.0%
1.0%
1.0%
1.0%
1500ms,60ms/230VAC atfullload
16ms/230VACat75%load10ms/230VACatfullload
90~264VAC127~370VDC
47~63Hz
86%
0.98/230VACatfullload
COLDSTART 50A
13A/115VAC7A/230VAC
16A/115VAC10A/230VAC
16A/115VAC10A/230VAC
<1.1mA /230VAC
RCP-2000-48
48V
42A
0~42A
2016W
300mVp-p
42~56V
1.0%
0.5%
0.5%
0.5%
0.5%
Universal AC input / Full range
Built-in 5V/0.3A, 12V/0.8A auxiliary power
Built-in active PFC function, PF>0.98
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC fan with fan speed control
Low profile:1U height
Remote control for single unit
Built-in remote sense function
Output voltage trimming function
Hot-swap operation
PMBus
communication
AC OK, DC OK signal, fan fail, OTP alarm signal
Internal OR-ing FET
3 years warranty
High efficiency up to 92%
Withstand 300VAC surge input for 5 seconds
High Power density 21.4W/inch
serial
3
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
90.5%
92%
Protectiontype: Constantcurrentlimiting,unitwillshutdowno/pvoltageafter5sec.re-powerontorecover
OVERTEMPERATURE
OVERLOAD
OVERVOLTAGE
105~125% ratedoutputpower
14.7~17.5V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
80
5
(TSW1)detectonheatsinkofpowerbridge85
5
(TSW2)detectonheatsinkofo/pdiode
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
29.5~35V
57.6~67.2V
PROTECTION
2000WFrontEndPowerSupply
Features :
R C P - 2 0 0 0 series
ACOKSIGNAL
DCOKSIGNAL
REMOTESENSE
REMOTEON/OFFCONTROL
AUXILIARY POWER
Theisolated TTL signalout,refertofunctionmanual
Theisolated TTL signalout,refertofunctionmanual
Compensatevoltagedropontheloadwiringupto0.5V
ByelectricalsignalordrycontactON:shortOFF:open
5V@0.3A,12V@0.8A
FUNCTION
Adjustmentofoutputvoltage,possiblebetween90~110%ofratedoutput
Logic"High"forovertemperaturewarning,refertofunctionmanual,isolatedsignal
Theisolated TTL signalout,refertofunctionmanual
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
-40~+70
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
ENVIRONMENT
OVERTEMP WARNING
FANFAIL SIGNAL
OUTPUTVOLTAGETRIM
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
FileName:RCP-2000-SPEC2011-05-09
The RCP-2000 series are state of the art AC/DC frond-end rectifiers with 1U compact size and 21.4 W/in of high power density. They can
3
provide up to 2000W per unit for the applications of servers, information technology equipment, networking, telecommunications, and wide
range of industrial applications using distributed power architecture. Equipped with hot-swap function and PMBus communication protocol,
RCP-2000 can be assembled in 1U 19” rack and controlled/monitored by external device such as monitoring unit (RCP-CMU-1) or PC.
Description :


Similar Part No. - RCP-2000

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RCP-22-W-1-C4 ADAM-TECH-RCP-22-W-1-C4 Datasheet
81Kb / 1P
RCA PLUG
RCP-22-W-1-C5 ADAM-TECH-RCP-22-W-1-C5 Datasheet
94Kb / 1P
RCA PLUG
RCP-22-W-1-C5WIRE ADAM-TECH-RCP-22-W-1-C5WIRE Datasheet
81Kb / 1P
RCA PLUG WITH WIRE
logo
Richco, Inc.
RCP-26 RICHCO-RCP-26 Datasheet
46Kb / 1P
CARD EJECTORS
RCP-29 RICHCO-RCP-29 Datasheet
46Kb / 1P
CARD EJECTORS
More results

Similar Description - RCP-2000

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
AC/DC Front End Power Supply
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
2000W Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
2000W Redundant Power Supply
logo
Murata Power Solutions ...
D1U MURATA-PS-D1U Datasheet
174Kb / 5P
AC/DC Front End Power Supply
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
AC/DC Front End Power Supply
logo
Delta Electronics, Inc.
CRPS DELTA-CRPS Datasheet
260Kb / 11P
550-2000W 1U Front End AC-DC Power Supply
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
AC-DC FRONT-END POWER SUPPLY
PFE1100-12-054XD BEL-PFE1100-12-054XD_18 Datasheet
1Mb / 16P
DC-DC FRONT END POWER SUPPLY
PFE1500-12-054XD BEL-PFE1500-12-054XD Datasheet
1Mb / 24P
DC-DC FRONT END POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com