Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1103 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1103
Description  VOLTAGE MODE PWM CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1103 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1103 Datasheet HTML 1Page - Semtech Corporation SC1103 Datasheet HTML 2Page - Semtech Corporation SC1103 Datasheet HTML 3Page - Semtech Corporation SC1103 Datasheet HTML 4Page - Semtech Corporation SC1103 Datasheet HTML 5Page - Semtech Corporation SC1103 Datasheet HTML 6Page - Semtech Corporation SC1103 Datasheet HTML 7Page - Semtech Corporation SC1103 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SC1103
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
PRELIMINARY - February 29, 2000
4
Fig. 3: V
RIPPLE @ VIN = 12V,
V
O = 3.3V, IO = 10A
Fig. 2: Load Regulation @ V
O = 3.3V, VIN = 12V
-10
-5
0
5
10
15
20
25
30
35
40
100.0E+0
1.0E+3
10.0E+3
100.0E+3
1.0E+6
10.0E+6
Frequency (Hz)
-45
0
45
90
135
180
Gain
Phase
Fig.1: Error Amplifier, Gain and Phase
Fig. 6: Line Regulation @ V
O = 3.3V, IO = 10A
Fig. 5: Efficiency @ V
IN = 12V
Fig. 4: Load Regulation @ V
IN = 12V
-0.020
-0.010
0.000
0.010
0.020
0.030
0.040
0.050
02
4
6
8
10
Current (Amps)
-1.0%
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
0
2468
10
12
14
Output Current, (A)
1.8V
2.5V
3.3V
5.0V
Vo=
40%
50%
60%
70%
80%
90%
100%
0
2
4
6
8
10
12
14
Output Current, (A)
1.8V
2.5V
3.3V
5V
-0.5%
-0.4%
-0.3%
-0.2%
-0.1%
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
11.4
11.6
11.8
12.0
12.2
12.4
12.6
Input Voltage, (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com