Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1109 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1109
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1109 Datasheet HTML 2Page - Semtech Corporation SC1109 Datasheet HTML 3Page - Semtech Corporation SC1109 Datasheet HTML 4Page - Semtech Corporation SC1109 Datasheet HTML 5Page - Semtech Corporation SC1109 Datasheet HTML 6Page - Semtech Corporation SC1109 Datasheet HTML 7Page - Semtech Corporation SC1109 Datasheet HTML 8Page - Semtech Corporation SC1109 Datasheet HTML 9Page - Semtech Corporation SC1109 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
6
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
APPLICATION CIRCUIT
D1
D1N4148
Q3
IRLR3103
1.2V 6A
GND
J8
VTT
J7
R3 0
+
C8
1500uF
GND
J4
5V IN
J6
2.5V
J15
C6
0.1uF
U1
SC1109CS
12
5
3
7
6
9
10
13
14
4
11
8
15
2
1
16
PWRGD
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
+
C14
330uF
1.8V
J16
R5
0
GND
J2
+
C10
1500uF
12V IN
J1
+
C5
1500uF
C3
0.1uF
VTT
J9
+
C13
330uF
GND
J13
+
C9
1500uF
C7
0.1uF
Q4
IRLR3103
GND
J17
L1
4uH
C13
0.1uF
R1
10k
C4
0.1uF
POWER GOOD J11
R2 0
C1
0.1uF
R4 2.2
+
C2
1500uF
GND
J18
GND
J19
Q1
IRLR3103
GND J10
GND
J12
5V IN
J5
3.3V IN
J14
C12
0.1uF
C11
0.1uF
5V STBY
J3
Q2
IRLR3103
+
C15
330uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com