Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPI23FTH Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KPI23FTH
Description  Photointerrupter(Transmissive)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KPI23FTH Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KPI23FTH Datasheet HTML 1Page - KODENSHI_AUK CORP. KPI23FTH Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photointerrupter(Transmissive)
2/2
KPI23FTH
I =20mA
F
Ambient temperature(Ta)
10
10
2
1
Road Resistance(R )
10
2
10
10
L
3
4
tr
tf
Ω
( )
103
(㎲)
C
Ta=25˚
I =10mA
CC
F
V =5V
0
0
-20
50
100
detection characteristic
Method of measuring position
-
Optical Axis(X)
+
0
Output
tr
td
10%
tf
90%
C
Response time measurement circuit
Input
Input
I
20
40
0
60 (℃)
V
V
L
R
OUT
CC
Forward voltage(V )
(㎃)
(㎽)
0
0
50
100
(℃)
Ambient temperature( Ta)
40
20
60
80
(%)
0
0.5
0
50
100
V =5V
CE
1.5
1.0
F
2.0
(V)
Ta=25˚
C
0
Moving distance(L)
0
-2
0
-2
+2
50
(mm)
+2
(%) X
100
V =5V
CC
I =10mA
Ta=25˚
F
Y
C
CC
V =5V
F
I =10mA
Ta=25˚
C
Collector-Emitter Voltage(V )
I =10mA
I =20mA
I =30mA
1
0
0
4
2
2
CE
F
6
10
8
F
F
(V)
12
I =50mA
I =40mA
(㎃)
4
3
5
Ta=25˚
F
F
C
V =5V
Forward Current(I )
2
1
0
0
10
20
4
3
(mA)
F
40
30
Ta=25˚
CE
C
(㎃)
0
0
50
1 00
(㎽)
60
Ambient temperature(Ta)
20
40
80 (℃)
Collector power dissipation Vs.
Ambient temparature
Forward current Vs.
Forward voltage
Light current Vs.
Forward current
Light current Vs.
Collentor-Emitter voltage
Relative light current Vs.
Ambient temperature
Switching time Vs.
Load resistance
Relative light current Vs.
Moving distance
Ambient temperature(Ta)
Forward voltage( VF)
Forward Current( IF )
Collector-Emitter Voltage( VCE )
Ambient temperature( Ta )
Load Resistance( RL )
Moving distance( L )
Response time measurement circuit
Optical Axis(X)
detection characteristic
Method of measuring position



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com