Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2234SW Datasheet(PDF) 1 Page - 3M Electronics

Part # C2234SW
Description  3M ™ MicroTouch ™ Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

C2234SW Datasheet(HTML) 1 Page - 3M Electronics

  C2234SW Datasheet HTML 1Page - 3M Electronics C2234SW Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The 22-inch
3M™ MicroTouch™ Display C2234SW, a robust metal
chassis display using 3M's industry-standard surface capacitive touch
technology, provides a durable, optically-enhanced, and engaging large
form factor display for use in industrial automation equipment and
kiosk enclosures. The C2234SW display offers multiple mounting op-
tions to make integration easy. A remote on-screen display module helps
simplify any changes to the display image during installation or system
maintenance.
The Clear Choice
The C2234SW display has an all-glass 3M surface capacitive touch sen-
sor with proprietary 3M™ ClearTek™ Hard Coat to deliver superior durability,
91.5% light transmission, 225-nit brightness (with touch screen), 1000:1
contrast ratio and an ultra-fast 5.4 millisecond touch contact time. The
C2234SW display operates reliably in the presence of on-screen con-
taminants and carries a 3-year “unlimited touches” warranty.
Multiple Mounting Options
Multiple mounting options enable customers to meet their application
needs at minimal cost. The C2234SW display offers a 100mm VESA
pattern to provide arm mounting capability for industrial automation
equipment. This minimizes the capital expenditure needed to upgrade
equipment with touch. L-brackets (standard) are available for installations
that require the touch display to be fully enclosed.
Total Touch Solution
3M manufactures the entire touch system (sensor, electronics, and driv-
ers) and owns the production tools for manufacturing the C2234SW
chassis in order to deliver a complete touch display system that is truly
designed for touch. The dual mode touch controller provides the user flex-
The Clear Choice for Optics, Reliability, and Ease of Integration
3M™ MicroTouch™ Display C2234SW
Recommended Applications
• Industrial Automation
• Security Systems
• Self Service
• Point-of-Information (POI)
• Hospitality
• Home Automation
ibility to choose between USB HID or Serial communication protocol at the
time of installation. Since 3M owns the production tools for the C2234SW
the product lifecycle can be controlled to ensure product continuity.
Feature
3M™ MicroTouch™ SCT System
3M™ ClearTek™ Hard Coat
Total Touch Solution
Benefit
• All glass solution provides 91.5% light transmission delivering superior optical performance
• Dedicated ASIC creates ultrafast 5.4 millisecond touch response
• Proprietary coating is uniformly heat infused into the glass creating a non-permeable barrier for
increased scratch and chemical resistance
• Low surface energy coating promotes smooth finger drag
• Unaffected by surface contaminants
• Unlike other touch display manufacturers that utilize 3rd party touch sensors, electronics,
and or software in their design, 3M owns, understands, and warranties the entire system
for an unlimited amount of touches for three years


Similar Part No. - C2234SW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
C2230A TOSHIBA-C2230A Datasheet
133Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process)
C2235 TOSHIBA-C2235 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
More results

Similar Description - C2234SW

ManufacturerPart #DatasheetDescription
logo
3M Electronics
C1700SS 3M-C1700SS Datasheet
137Kb / 2P
3M MicroTouch Display
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
69-502 3M-69-502 Datasheet
131Kb / 2P
MicroTouch™ TouchPen System for ClearTek™ II Touch Screens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com