Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4481IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4481IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4481IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F4481IPZ Datasheet HTML 35Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 36Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 37Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 38Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 39Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 40Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 41Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 42Page - Texas Instruments MSP430F4481IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
Schmitt-trigger inputs − ports P1, P2, P3, P4, P5, P6
PARAMETER
VCC
MIN
TYP
MAX
UNIT
V
Positive going input threshold voltage
2.2 V
1.1
1.5
V
VIT+
Positive-going input threshold voltage
3 V
1.5
1.9
V
V
Negative going input threshold voltage
2.2 V
0.4
0.9
V
VIT−
Negative-going input threshold voltage
3 V
0.9
1.3
V
V
Input voltage hysteresis (V
V
)
2.2 V
0.3
1.1
V
Vhys
Input voltage hysteresis (VIT+ − VIT−)
3 V
0.5
1
V
standard inputs − RST/NMI, JTAG (TCK, TMS, TDI/TCLK)
PARAMETER
VCC
MIN
TYP
MAX
UNIT
VIL
Low-level input voltage
22V/3V
VSS
VSS+0.6
V
VIH
High-level input voltage
2.2 V / 3 V
0.8
×VCC
VCC
V
inputs Px.x, TAx, TBx
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
P t P1 P2 P1
t P2
t
l t i
i
l
2.2 V/3 V
1.5
cycle
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, external trigger signal
for the interrupt flag, (see Note 1)
2.2 V
62
ns
(int)
pg
for the interrupt flag, (see Note 1)
3 V
50
ns
Timer A Timer B capture
TA0, TA1, TA2
2.2 V
62
t(cap)
Timer_A, Timer_B capture
timing
TB0, TB1, TB2, TB3, TB4, TB5, TB6
(see Note 2)
3 V
50
ns
f(TAext)
Timer_A, Timer_B clock
frequency externally applied
TACLK TBCLK INCLK: t
=t
2.2 V
8
MHz
f(TBext)
frequency externally applied
to pin
TACLK, TBCLK, INCLK: t(H) = t(L)
3 V
10
MHz
f(TAint)
Timer_A, Timer_B clock
SMCLK or ACLK signal selected
2.2 V
8
MHz
f(TBint)
Timer_A, Timer_B clock
frequency
SMCLK or ACLK signal selected
3 V
10
MHz
NOTES:
1. The external signal sets the interrupt flag every time the minimum t(int) cycle and time parameters are met. It may be set even with
trigger signals shorter than t(int). Both the cycle and timing specifications must be met to ensure the flag is set. t(int) is measured in
MCLK cycles.
2. Seven capture/compare registers in ’x44x(1) and three capture/compare registers in ’x43x(1).
leakage current (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Ilkg(P1.x)
Port P1
Port 1: V(P1.x)
±50
Ilkg(P2.x)
Port P2
Port 2: V(P2.x)
±50
Ilkg(P3.x)
Leakage
Port P3
Port 3: V(P3.x)
2 2 V/3 V
±50
nA
Ilkg(P4.x)
Leakage
current
Port P4
Port 4: V(P4.x)
2.2 V/3 V
±50
nA
Ilkg(P5.x)
Port P5
Port 5: V(P5.x)
±50
Ilkg(P6.x)
Port P6
Port 6: V(P6.x)
±50
NOTES:
1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The port pin must be selected as input and there must be no optional pullup or pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com