Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4491IPZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4491IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4491IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F4491IPZ Datasheet HTML 9Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 10Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 11Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 12Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 13Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 14Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 15Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 16Page - Texas Instruments MSP430F4491IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x43x1 Terminal Functions (Continued)
TERMINAL
PN
I/O
PZ
I/O
DESCRIPTION
NAME
NO.
I/O
NAME
NO.
I/O
DESCRIPTION
P2.4/UTXD0
55
I/O
P2.4/UTXD0
75
I/O
General-purpose digital I/O / transmit data out—USART0/UART mode
P2.3/TB2
56
I/O
P2.3/TB2
76
I/O
General-purpose digital I/O / Timer_B3 CCR2.
Capture: CCI2A/CCI2B input, compare: Out2 output
P2.2/TB1
57
I/O
P2.2/TB1
77
I/O
General-purpose digital I/O / Timer_B3 CCR1.
Capture: CCI1A/CCI1B input, compare: Out1 output
P2.1/TB0
58
I/O
P2.1/TB0
78
I/O
General-purpose digital I/O / Timer_B3 CCR0.
Capture: CCI0A/CCI0B input, compare: Out0 output
P2.0/TA2
59
I/O
P2.0/TA2
79
I/O
General-purpose digital I/O / Timer_A
Capture: CCI2A input, compare: Out2 output
P1.7/CA1
60
I/O
P1.7/CA1
80
I/O
General-purpose digital I/O / Comparator_A input
P1.6/CA0
61
I/O
P1.6/CA0
81
I/O
General-purpose digital I/O / Comparator_A input
P1.5/TACLK/
ACLK
62
I/O
P1.5/TACLK/
ACLK
82
I/O
General-purpose digital I/O / Timer_A, clock signal TACLK input /
ACLK output (divided by 1, 2, 4, or 8)
P1.4/TBCLK/
SMCLK
63
I/O
P1.4/TBCLK/
SMCLK
83
I/O
General-purpose digital I/O / input clock TBCLK—Timer_B3 / submain
system clock SMCLK output
P1.3/TBOUTH/
SVSOUT
64
I/O
P1.3/TBOUTH/
SVSOUT
84
I/O
General-purpose digital I/O / switch all PWM digital output ports to high
impedance—Timer_B3 TB0 to TB2 / SVS: output of SVS comparator
P1.2/TA1
65
I/O
P1.2/TA1
85
I/O
General-purpose digital I/O / Timer_A, Capture: CCI1A input,
compare: Out1 output
P1.1/TA0/MCLK
66
I/O
P1.1/TA0/MCLK
86
I/O
General-purpose digital I/O / Timer_A. Capture: CCI0B input / MCLK
output. Note: TA0 is only an input on this pin / BSL receive
P1.0/TA0
67
I/O
P1.0/TA0
87
I/O
General-purpose digital I/O / Timer_A. Capture: CCI0A input,
compare: Out0 output / BSL transmit
XT2OUT
68
O
XT2OUT
88
O
Output terminal of crystal oscillator XT2
XT2IN
69
I
XT2IN
89
I
Input port for crystal oscillator XT2. Only standard crystals can be
connected.
TDO/TDI
70
I/O
TDO/TDI
90
I/O
Test data output port. TDO/TDI data output or programming data input
terminal
TDI/TCLK
71
I
TDI/TCLK
91
I
Test data input or test clock input. The device protection fuse is
connected to TDI/TCLK.
TMS
72
I
TMS
92
I
Test mode select. TMS is used as an input port for device programming
and test.
TCK
73
I
TCK
93
I
Test clock. TCK is the clock input port for device programming and test.
RST/NMI
74
I
RST/NMI
94
I
General-purpose digital I/O / reset input or nonmaskable interrupt input
port
P6.0
75
I/O
P6.0
95
I/O
General-purpose digital I/O
P6.1
76
I/O
P6.1
96
I/O
General-purpose digital I/O
P6.2
77
I/O
P6.2
97
I/O
General-purpose digital I/O
AVSS
78
AVSS
98
Analog supply voltage, negative terminal. Supplies SVS, brownout,
oscillator, comparator_A, port 1, and LCD resistive divider circuitry.
DVSS1
79
DVSS1
99
Digital supply voltage, negative terminal.
AVCC
80
AVCC
100
Analog supply voltage, positive terminal. Supplies SVS, brownout,
oscillator, comparator_A, port 1, and LCD resistive divider circuitry;
must not power up prior to DVCC1/DVCC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com