Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMZ1 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # EMZ1
Description  Silicon Epitaxial Planar
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

EMZ1 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  EMZ1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH EMZ1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH EMZ1 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH EMZ1 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
EMZ1
0.15 W,
±±±±150 mA, ±±±±60 V
Silicon Epitaxial Planar
Power Management (Dual Transistors)
28-Oct-2009 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
C
2
B
1
E
4
E
5
B
6
C
TR1
TR2
E
F
J
B
C
D
G
A
H
Z1
1
2
3
4
5
6
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
2SA1037AK and 2SC2412K are housed independently in a package.
Transistor elements independent, eliminating interference.
Mounting cost and area can be cut in half.
MARKING AND EQUIVALENT CIRCUIT
TR1 ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
7
V
Collector Current – Continuous
IC
0.15
A
Collector Power Dissipation
PC
0.15
W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
TR1 NPN ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=50
µA, I
E=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE=50
µA, I
C=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=60V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=7V, IC=0
DC Current Gain
hFE
120
-
560
VCE=6V, IC=1mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=50mA, IB=5mA
Transition Frequency
fT
-
180
-
MHz
VCE=12V, IC=2mA, f=100MHz
Collector Output Capacitance
Cob
-
2.0
3.5
pF
VCB=12V, IE=0, f=1MHz
TR2 ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current – Continuous
IC
-0.15
A
Collector Power Dissipation
PC
0.15
W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
TR2 PNP ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC=-50
µA, I
E=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC=-1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE=-50
µA, I
C=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB=-60V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA
VEB=-6V, IC=0
DC Current Gain
hFE
120
-
560
VCE=-6V, IC=-1mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC=-50mA, IB=-5mA
Transition Frequency
fT
-
140
-
MHz
VCE=-12V, IC=-2mA, f=100MHz
Collector Output Capacitance
Cob
-
-
5
pF
VCB=-12V, IE=0, f=1MHz
SOT-563
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


Similar Part No. - EMZ1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
102Kb / 5P
General purpose transistor (dual transistors)
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
logo
Jiangsu Changjiang Elec...
EMZ1 JIANGSU-EMZ1 Datasheet
814Kb / 4P
Dual Transistors (NPNPNP)
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
More results

Similar Description - EMZ1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA963 PANASONIC-2SA963 Datasheet
109Kb / 3P
SILICON EPITAXIAL PLANAR
logo
Hitachi Semiconductor
2SC641K HITACHI-2SC641K Datasheet
626Kb / 3P
SILICON EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS816F TOSHIBA-TPS816F_07 Datasheet
173Kb / 6P
Silicon Epitaxial Planar
TPS820 TOSHIBA-TPS820_07 Datasheet
160Kb / 5P
Silicon Epitaxial Planar
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
Silicon Epitaxial Planar
TPS842A TOSHIBA-TPS842A_07 Datasheet
226Kb / 6P
Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
Silicon Epitaxial Planar
TPS852 TOSHIBA-TPS852 Datasheet
247Kb / 12P
Silicon Epitaxial Planar
logo
SEMTECH ELECTRONICS LTD...
1SS77WS SEMTECH_ELEC-1SS77WS Datasheet
212Kb / 3P
SILICON EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N Datasheet
1Mb / 4P
Silicon Epitaxial Planar
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com