Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2131IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2131IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2131IPWR Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F2131IPWR Datasheet HTML 1Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 2Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 3Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 4Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 5Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 6Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 7Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 8Page - Texas Instruments MSP430F2131IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
MSP430x21x1
MIXED SIGNAL MICROCONTROLLER
SLAS439D -- SEPTEMBER 2004 -- REVISED SEPTEMBER 2010
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
device pinout
RGE PACKAGE
(TOP VIEW)
DW, PW, or DGV PACKAGE
(TOP VIEW)
Note: NC pins not internally connected
Power Pad connection to VSS recommended
10
1
9
7
8
6
5
4
3
2
11
20
12
14
13
15
16
17
18
19
TEST
VCC
P2.5/CA5
VSS
XOUT/P2.7/CA7
XIN/P2.6/CA6
RST/NMI
P2.0/ACLK/CA2
P2.1/INCLK/CA3
P2.2/CAOUT/TA0/CA4
P1.7/TA2/TDO/TDI
P1.6/TA1/TDI/TCLK
P1.5/TA0/TMS
P1.3/TA2
P1.2/TA1
P1.1/TA0
P1.0/TACLK
P2.4/TA2/CA1
P2.3/TA1/CA0
P1.4/SMCLK/TCK
1
6
5
4
3
2
18
13
14
15
16
17
712
11
10
9
8
19
24 23 22 21 20
VSS
XOUT/P2.7/CA7
XIN/P2.6/CA6
RST/NMI
P2.0/ACLK/CA2
P1.5/TA0/TMS
P1.3/TA2
P1.2/TA1
P1.1/TA0
P1.0/TACLK
P1.4/SMCLK/TCK
NC
functional block diagram
Basic Clock
System+
RAM
256B
256B
128B
128B
Brownout
Protection
RST/NMI
VCC
VSS
MCLK
SMCLK
Watchdog
WDT+
15/16--Bit
Timer_A3
3CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2BP)
XOUT
JTAG
Interface
Flash
8kB
4kB
2kB
1kB
ACLK
XIN
Port P1
8I/O
Interrupt
capability,
pull--up/down
resistors
Comparator
_A+
8 Channel
Input Mux
P1.x & JTAG
8
P2.x &
XIN/XOUT
8
Port P2
8I/O
Interrupt
capability,
pull--up/down
resistors
MDB
MAB
NOTE: See port schematics section for detailed I/O information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com