Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1152 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1152
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1152 Datasheet(HTML) 6 Page - Semtech Corporation

  SC1152 Datasheet HTML 1Page - Semtech Corporation SC1152 Datasheet HTML 2Page - Semtech Corporation SC1152 Datasheet HTML 3Page - Semtech Corporation SC1152 Datasheet HTML 4Page - Semtech Corporation SC1152 Datasheet HTML 5Page - Semtech Corporation SC1152 Datasheet HTML 6Page - Semtech Corporation SC1152 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SC1152
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
April 28, 1998
6
3.00 Volts
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
Output Current (Amps)
Efficiency
1.80 Volts
2.00 Volts
2.50 Volts
3.50 Volts
CHARACTERISTIC CURVES
SC1152 Efficiency in Application Circuit (Figure 1).
SC1152 Regulation in Application Circuit (Figure 1).
Delta 3.5
Delta 1.8
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
Output Current (Amps)
∆
Vout (V)
Delta 2.0
Delta 2.5
Delta 3.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com