Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1153 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1153
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1153 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1153 Datasheet HTML 1Page - Semtech Corporation SC1153 Datasheet HTML 2Page - Semtech Corporation SC1153 Datasheet HTML 3Page - Semtech Corporation SC1153 Datasheet HTML 4Page - Semtech Corporation SC1153 Datasheet HTML 5Page - Semtech Corporation SC1153 Datasheet HTML 6Page - Semtech Corporation SC1153 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SC1153
PROGRAMMABLE SYNCHRONOUS DC/DC
CONTROLLER FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - October 3, 2000
5
OUTPUT VOLTAGE TABLE
Unless specified: V
CC = 5.00V; GND = PGND = 0V; FB = VO; 0mV < (CS(+) - CS(-)) < 60mV; TJ = 25°C
PARAMETER
CONDITIONS
VID
43210
MIN
TYP
MAX
UNITS
Output Voltage
I
O = 2A in Application Circuit
01111
1.287
1.300
1.313
V
(Figure 1)
01110
1.336
1.350
1.364
01101
1.386
1.400
1.414
01100
1.435
1.450
1.465
01011
1.485
1.500
1.515
01010
1.534
1.550
1.566
01001
1.584
1.600
1.616
01000
1.633
1.650
1.667
00111
1.683
1.700
1.717
00110
1.732
1.750
1.768
00101
1.782
1.800
1.818
00100
1.832
1.850
1.868
00011
1.881
1.900
1.919
00010
1.931
1.950
1.969
00001
1.980
2.000
2.020
00000
2.030
2.050
2.070
11111
1.980
2.000
2.020
11110
2.079
2.100
2.121
11101
2.178
2.200
2.222
11100
2.277
2.300
2.323
11011
2.376
2.400
2.424
11010
2.475
2.500
2.525
11001
2.574
2.600
2.626
11000
2.673
2.700
2.727
10111
2.772
2.800
2.828
10110
2.871
2.900
2.929
10101
2.970
3.000
3.030
10100
3.069
3.100
3.131
10011
3.168
3.200
3.232
10010
3.267
3.300
3.333
10001
3.366
3.400
3.434
10000
3.465
3.500
3.535



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com