Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2812 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 113Page - Texas Instruments TMS320F2812 Datasheet HTML 114Page - Texas Instruments TMS320F2812 Datasheet HTML 115Page - Texas Instruments TMS320F2812 Datasheet HTML 116Page - Texas Instruments TMS320F2812 Datasheet HTML 117Page - Texas Instruments TMS320F2812 Datasheet HTML 118Page - Texas Instruments TMS320F2812 Datasheet HTML 119Page - Texas Instruments TMS320F2812 Datasheet HTML 120Page - Texas Instruments TMS320F2812 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 6-26. SPI Master Mode External Timing (Clock Phase = 0)(1)(2)
SPI WHEN (SPIBRR + 1) IS EVEN OR
SPI WHEN (SPIBRR + 1) IS ODD AND
SPIBRR = 0 OR 2
SPIBRR > 3
NO.
UNIT
MIN
MAX
MIN
MAX
1
tc(SPC)M
Cycle time, SPICLK
4tc(LCO)
128tc(LCO)
5tc(LCO)
127tc(LCO)
ns
tw(SPCH)M
Pulse duration, SPICLK high
0.5tc(SPC)M – 10
0.5tc(SPC)M
0.5tc(SPC)M – 0.5tc(LCO) – 10
0.5tc(SPC)M – 0.5tc(LCO)
(clock polarity = 0)
2(3)
ns
tw(SPCL)M
Pulse duration, SPICLK low
0.5tc(SPC)M – 10
0.5tc(SPC)M
0.5tc(SPC)M – 0.5tc(LCO) – 10
0.5tc(SPC)M – 0.5tc(LCO)
(clock polarity = 1)
tw(SPCL)M
Pulse duration, SPICLK low
0.5tc(SPC)M – 10
0.5tc(SPC)M
0.5tc(SPC)M + 0.5tc(LCO) – 10
0.5tc(SPC)M + 0.5tc(LCO)
(clock polarity = 0)
3(3)
ns
tw(SPCH)M
Pulse duration, SPICLK high
0.5tc(SPC)M – 10
0.5tc(SPC)M
0.5tc(SPC)M + 0.5tc(LCO) – 10
0.5tc(SPC)M + 0.5tc(LCO)
(clock polarity = 1)
td(SPCH-SIMO)M
Delay time, SPICLK high to SPISIMO
–10
10
–10
10
valid (clock polarity = 0)
4(3)
ns
td(SPCL-SIMO)M
Delay time, SPICLK low to SPISIMO
–10
10
–10
10
valid (clock polarity = 1)
tv(SPCL-SIMO)M
Valid time, SPISIMO data valid after
0.5tc(SPC)M – 10
0.5tc(SPC)M + 0.5tc(LCO) – 10
SPICLK low (clock polarity = 0)
5(3)
ns
tv(SPCH-SIMO)M
Valid time, SPISIMO data valid after
0.5tc(SPC)M – 10
0.5tc(SPC)M + 0.5tc(LCO) – 10
SPICLK high (clock polarity = 1)
tsu(SOMI-SPCL)M
Setup time, SPISOMI before SPICLK
0
0
low (clock polarity = 0)
8(3)
ns
tsu(SOMI-SPCH)M
Setup time, SPISOMI before SPICLK
0
0
high (clock polarity = 1)
tv(SPCL-SOMI)M
Valid time, SPISOMI data valid after
0.25tc(SPC)M – 10
0.5tc(SPC)M – 0.5tc(LCO) – 10
SPICLK low (clock polarity = 0)
9(3)
ns
tv(SPCH-SOMI)M
Valid time, SPISOMI data valid after
0.25tc(SPC)M – 10
0.5tc(SPC)M – 0.5tc(LCO) – 10
SPICLK high (clock polarity = 1)
(1)
The MASTER/SLAVE bit (SPICTL.2) is set and the CLOCK PHASE bit (SPICTL.3) is cleared.
(2)
tc(SPC) = SPI clock cycle time = LSPCLK/4 or LSPCLK/(SPIBRR + 1)
tc(LCO) = LSPCLK cycle time
(3)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPICCR.6).
NOTE: Internal clock prescalers must be adjusted such that the SPI clock speed is limited to the following SPI clock rate:
•
Master mode transmit: 20 MHz MAX. Master mode receive: 12.5 MHz MAX.
•
Slave mode transmit: 12.5 MHz MAX. Slave mode receive: 12.5 MHz MAX.
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
117
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com