Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F2812 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 125Page - Texas Instruments TMS320F2812 Datasheet HTML 126Page - Texas Instruments TMS320F2812 Datasheet HTML 127Page - Texas Instruments TMS320F2812 Datasheet HTML 128Page - Texas Instruments TMS320F2812 Datasheet HTML 129Page - Texas Instruments TMS320F2812 Datasheet HTML 130Page - Texas Instruments TMS320F2812 Datasheet HTML 131Page - Texas Instruments TMS320F2812 Datasheet HTML 132Page - Texas Instruments TMS320F2812 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.23 XINTF Signal Alignment to XCLKOUT
For each XINTF access, the number of lead, active, and trail cycles is based on the internal clock
XTIMCLK. Strobes such as XRD, XWE, and zone chip-select (XZCS) change state in relationship to the
rising edge of XTIMCLK. The external clock, XCLKOUT, can be configured to be either equal to or
one-half the frequency of XTIMCLK.
For the case where XCLKOUT = XTIMCLK, all of the XINTF strobes will change state with respect to the
rising edge of XCLKOUT. For the case where XCLKOUT = one-half XTIMCLK, some strobes will change
state either on the rising edge of XCLKOUT or the falling edge of XCLKOUT. In the XINTF timing tables,
the notation XCOHL is used to indicate that the parameter is with respect to either case; XCLKOUT rising
edge (high) or XCLKOUT falling edge (low). If the parameter is always with respect to the rising edge of
XCLKOUT, the notation XCOH is used.
For the case where XCLKOUT = one-half XTIMCLK, the XCLKOUT edge with which the change will be
aligned can be determined based on the number of XTIMCLK cycles from the start of the access to the
point at which the signal changes. If this number of XTIMCLK cycles is even, the alignment will be with
respect to the rising edge of XCLKOUT. If this number is odd, then the signal will change with respect to
the falling edge of XCLKOUT. Examples include the following:
•
Strobes that change at the beginning of an access always align to the rising edge of XCLKOUT. This is
because all XINTF accesses begin with respect to the rising edge of XCLKOUT.
Examples:
XZCSL
Zone chip-select active-low
XRNWL
XR/W active-low
•
Strobes that change at the beginning of the active period will align to the rising edge of XCLKOUT if
the total number of lead XTIMCLK cycles for the access is even. If the number of lead XTIMCLK
cycles is odd, then the alignment will be with respect to the falling edge of XCLKOUT.
Examples:
XRDL
XRD active-low
XWEL
XWE active-low
•
Strobes that change at the beginning of the trail period will align to the rising edge of XCLKOUT if the
total number of lead + active XTIMCLK cycles (including hardware waitstates) for the access is even. If
the number of lead + active XTIMCLK cycles (including hardware waitstates) is odd, then the alignment
will be with respect to the falling edge of XCLKOUT.
Examples:
XRDH
XRD inactive-high
XWEH
XWE inactive-high
•
Strobes that change at the end of the access will align to the rising edge of XCLKOUT if the total
number of lead + active + trail XTIMCLK cycles (including hardware waitstates) is even. If the number
of lead + active + trail XTIMCLK cycles (including hardware waitstates) is odd, then the alignment will
be with respect to the falling edge of XCLKOUT.
Examples:
XZCSH
Zone chip-select inactive-high
XRNWH
XR/W inactive-high
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
129
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com