Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1163 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1163
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1163 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1163 Datasheet HTML 4Page - Semtech Corporation SC1163 Datasheet HTML 5Page - Semtech Corporation SC1163 Datasheet HTML 6Page - Semtech Corporation SC1163 Datasheet HTML 7Page - Semtech Corporation SC1163 Datasheet HTML 8Page - Semtech Corporation SC1163 Datasheet HTML 9Page - Semtech Corporation SC1163 Datasheet HTML 10Page - Semtech Corporation SC1163 Datasheet HTML 11Page - Semtech Corporation SC1163 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER WITH LOW DROPOUT
REGULATOR CONTROLLER
SC1162/3
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
11
FET type
R
DS(on) (mΩ)
P
D (W )
Package
BUK556H
22
2.48
TO220
IRL2203
7.0
0.79
D
2PAK
Si4410
13.5
1.53
SO-8
)
1
(
)
(
2
δ
−
⋅
⋅
=
on
DS
O
COND
R
I
P
FET type
R
DS(on) (mΩ)
P
D (W )
Package
BUK556H
22
1.95
TO220
IRL2203
7.0
0.62
D
2PAK
Si4410
13.5
1.20
SO-8
BOTTOM FET - Bottom FET losses are almost entirely
due to conduction. The body diode is forced into conduc-
tion at the beginning and end of the bottom switch con-
duction period, so when the FET turns on and off, there
is very little voltage across it, resulting in low switching
losses. Conduction losses for the FET can be deter-
mined by:
For the example above:
Each of the package types has a characteristic thermal
impedance, for the TO-220 package, thermal impedance
is mostly determined by the heatsink used. For the sur-
face mount packages on double sided FR4, 2 oz printed
circuit board material, thermal impedances of 40
oC/W
for the D
2PAK and 80oC/W for the SO-8 are readily
achievable. The corresponding temperature rise is de-
tailed below:
Temperature rise (
oC)
FET type
Top FET
Bottom FET
BUK556H
49.6
(1)
39.0
(1)
IRL2203
31.6
24.8
Si4410
122.4
96
(1) With 20
oC/W Heatsink
It is apparent that single SO-8 Si4410 are not adequate for
this application, but by using parallel pairs in each posi-
tion, power dissipation will be approximately halved and
temperature rise reduced by a factor of 4.
INPUT CAPACITORS - since the RMS ripple current in
the input capacitors may be as high as 50% of the out-
put current, suitable capacitors must be chosen ac-
cordingly. Also, during fast load transients, there may
be restrictions on input di/dt. These restrictions require
useable energy storage within the converter circuitry,
either as extra output capacitance or, more usually,
additional input capacitors. Choosing low ESR input
capacitors will help maximize ripple rating for a given
size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com