Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1062NL-S16-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # TEA1062NL-S16-R
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062NL-S16-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button TEA1062NL-S16-R Datasheet HTML 5Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 6Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 7Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 8Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 9Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 10Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 11Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 12Page - Unisonic Technologies TEA1062NL-S16-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R108-011.C
Voltage gain is defined as: GV=20*log(|VO/VI|). For measuring the gain from MIC+ and MIC- the MUTE input
should be HIGH(UTC TEA1062N is LOW) or open-circuit, for measuring the DTMF input MUTE should be
LOW(UTC TEA1062N is HIGH) .Inputs not under test should be open-circuit.
10
6
11
7
12
13
1
4
5
2
3
16
8
15
14
9
MIC-
MIC+
REG AGC STAB
SLPE
GAS2
GAS1
GAR
QR
LN
VCC
VEE
IR
DTMF
MUTE
R1=620
Ω
100
μF
C4
100pF
C7 1nF
C6
100pF
R4
100k
Ω
R7
68k
Ω
R9
20
Ω
R5
3.6k
Ω
R6
C3
4.7
μF
10
μF
C1
100
μF
Vi
600
Ω
C8 1nF
10 TO 140 mA
Vo
ZL
C2
Fig.14 Test circuit for defining voltage gain of the receiving amplifier.
Voltage gain is defined as: GV=20*log(|VO/VI|).
SLPE
GAS1
GAS2
REG
AGC
STAB VEE
DTMF
VCC
LN
IR
QR
GAR
MIC-
MIC+
MUTE
Telephone
Line
From dial and
control circuits
C1
100
μF
13
11
12
10
9
8
7
6
5
4
3
2
1
16
14
15
R1
620
Ω
R2
132k
Ω
BZX79
C12
R10
130
Ω
BAS11
(x2)
BZW14
(x2)
C5
100nF
C2
R4
R3
3.92k
Ω
C4
100pF
C7
1nF
R8
390
Ω
Zbal
R9
20
Ω
C6
100pF
R7
C8
1nF
RVA(R16.R14)
C3
4.7
μF
R6
R5
3.6k
Ω
UTC TEAI062N
UTC TEA1062AN
Fig.15 Typical application of the UTC TEA1062AN, shown here with a piezoelectric earpiece and DTMF dialling. The
bridge to the left, the Zener diode and R10 limit the current into the circuit and the voltage across the circuit during
line transients. Pulse dialling or register recall required a different protection arrangement.
The DC line voltage can be set to a higher value by resistor RVA(REG to SLPE).
Fig.16
Typical applications of the UTC TEA1062N/TEA1062AN (simplified)
The dashed lines show an optional flash (register recall by timed loop break).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com