Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL082 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL082
Description  GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL082 Datasheet(HTML) 4 Page - Unisonic Technologies

  TL082_09 Datasheet HTML 1Page - Unisonic Technologies TL082_09 Datasheet HTML 2Page - Unisonic Technologies TL082_09 Datasheet HTML 3Page - Unisonic Technologies TL082_09 Datasheet HTML 4Page - Unisonic Technologies TL082_09 Datasheet HTML 5Page - Unisonic Technologies TL082_09 Datasheet HTML 6Page - Unisonic Technologies TL082_09 Datasheet HTML 7Page - Unisonic Technologies TL082_09 Datasheet HTML 8Page - Unisonic Technologies TL082_09 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL082
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R105-019,G
ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 2)
VCC
±18
V
Input Voltage (Note 3)
VIN
±15
V
Differential Input Voltage (Note 4)
VID
±30
V
Power Dissipation
PD
680
mW
Output Short-Circuit Duration (Note 5)
Infinite
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: 1.
2.
3.
4.
5.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between VCC- and VCC+.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
125
°C/W
DIP-8
85
°C/W
Junction to Ambient
TSSOP-8
θJA
120
°C/W
SOP-8
40
°C/W
DIP-8
41
°C/W
Junction to Case
TSSOP-8
θJC
37
°C/W
ELECTRICAL CHARACTERISTICS
( VCC=±15V, Ta=25°C, TMIN=0°C, TMAX=70°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ta=25°C
3
10
Input Offset Voltage (RS=50Ω)
VIO
TMIN ≤Ta ≤TMAX
13
mV
Input Offset Voltage Drift
DVIO
10
µV/°C
Ta=25°C
5
100
pA
Input Offset Current (Note)
IIO
TMIN ≤Ta ≤TMAX
10
nA
Ta=25°C
20
400
pA
Input Bias Current (Note)
IIB
TMIN ≤Ta ≤TMAX
20
nA
Input Common Mode Voltage Range
VICM
±11
-12~+15
V
Ta=25°C, RL=2kΩ,
10
12
V
Ta=25°C, RL=10kΩ
12
13.5
V
TMIN ≤Ta ≤TMAX, RL=2kΩ
10
V
Output Voltage Swing
±VOPP
TMIN ≤Ta≤ TMAX, RL=10kΩ
12
V
Ta=25°C
25
200
Large Signal Voltage Gain
(RL=2kΩ, VOUT=±10V)
Avd
TMIN ≤Ta ≤TMAX
15
V/mV
Gain Bandwidth Product (Ta=25°C)
GBP
VIN=10mV, RL=2kΩ, CL=100pF,
f=100kHZ
2.5
4
MHz
Input Resistance
RI
10
12
Ω
Ta=25°C
70
86
Common Mode Rejection Ratio
(RS=50Ω)
CMR
TMIN ≤Ta ≤TMAX
70
dB
Ta=25°C
70
86
Supply Voltage Rejection Ratio
(RS=50Ω)
SVR
TMIN ≤Ta ≤TMAX
70
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com