Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1172 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1172
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1172 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1172 Datasheet HTML 1Page - Semtech Corporation SC1172 Datasheet HTML 2Page - Semtech Corporation SC1172 Datasheet HTML 3Page - Semtech Corporation SC1172 Datasheet HTML 4Page - Semtech Corporation SC1172 Datasheet HTML 5Page - Semtech Corporation SC1172 Datasheet HTML 6Page - Semtech Corporation SC1172 Datasheet HTML 7Page - Semtech Corporation SC1172 Datasheet HTML 8Page - Semtech Corporation SC1172 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER WITH LOW DROPOUT
REGULATOR CONTROLLER
SC1172/3
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
1
ORDERING INFORMATION
DESCRIPTION
The SC1172/3 combines a synchronous voltage mode
controller with a low-dropout linear regulator providing
most of the circuitry necessary to implement two DC/DC
converters for powering advanced microprocessors such
as Pentium
® II (Klamath) or Deschutes.
The SC1172/3 switching section features an integrated 5
bit D/A converter, pulse by pulse current limiting,
integrated power good signaling, and logic compatible
shutdown. The SC1172/3 switching section operates at
a fixed frequency of 200kHz, providing an optimum
compromise between size, efficiency and cost in the
intended application areas. The integrated D/A con-
verter provides programmability of output voltage from
2.0V to 3.5V in 100mV increments and 1.30V to 2.05V
in 50mV increments with no external components.
The SC1172/3 linear section is a high performance
positive voltage regulator design for either the GTL bus
supply at 1.5V (SC1172) or an adjustable output
(SC1173).
The output of the linear regulator can provide up to 5A or
more with the appropriate external MOSFET.
Pentium is a registered trademark of Intel Corporation
PIN CONFIGURATION
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
BLOCK DIAGRAM
FEATURES
• Synchronous design, enables no heatsink solution
• 95% efficiency (switching section)
• 5 bit DAC for output programmability
• On chip power good function
• Designed for Intel Pentium® II VRM8.1 require-
ments
• 1.5V or Adj. @ 1% for linear section
APPLICATIONS
• Pentium® ll or Deschutes microprocessor supplies
• Flexible motherboards
• 1.3V to 3.5V microprocessor supplies
• Programmable dual power supplies
Part Number
(1)
Package
Linear
Voltage
Temp.
Range (T
J)
SC1172CSW
SO-24
1.5V
0° to 125°C
SC1173CSW
SO-24
Adj.
0° to 125°C
Note:
(1) Add suffix ‘TR’ for tape and reel.
Top View
(24 Pin SOIC)
NC
AGND
OVP
NC
VCC
LDOS
CS-
PWRGOOD
PGNDL
CS+
DH
PGNDH
LDOV
GATE
VID3
VID0
VID2
VID1
VOSENSE
DL
EN
BSTL
BSTH
VID4
2
1
6
3
5
4
8
7
12
9
11
10
23
24
19
22
20
21
17
13
16
14
15
18
LDOV
GATE
LDOS
PGNDL
DL
BSTL
PGNDH
DH
BSTH
EN
VCC
CS+
CS-
VID3
VID4
VID2
VID0
VID1
VOSENSE
PWRGOOD
OVP
VCC
70mV
CURRENT LIMIT
1.25 REF
D/A &
LEVEL SHIFT
AND HIGH SIDE
MOSFET DRIVE
SHUT-
DOWN
LOGIC
OSCILLATOR
R
S
Q
SHOOT-
THRU
CONTROL
SYNCHRONOUS
MOSFET DRIVER
ERROR
AMP
AGND
FET
CONTROLLER
1.25V
REF
OPEN
COLLECTORS
VCC


Similar Part No. - SC1172

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSW SEMTECH-SC1175CSW Datasheet
348Kb / 20P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSW.TR SEMTECH-SC1175CSW.TR Datasheet
348Kb / 20P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSW.TR SEMTECH-SC1175CSW.TR Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSWTRT SEMTECH-SC1175CSWTRT Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results

Similar Description - SC1172

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1166 SEMTECH-SC1166 Datasheet
333Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER?
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
ON Semiconductor
MC33470 ONSEMI-MC33470_06 Datasheet
189Kb / 15P
Synchronous Rectification DC/DC Converter Programmable Integrated Controller
August, 2006 ??Rev. 4
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com