Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1173 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1173
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1173 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1173 Datasheet HTML 4Page - Semtech Corporation SC1173 Datasheet HTML 5Page - Semtech Corporation SC1173 Datasheet HTML 6Page - Semtech Corporation SC1173 Datasheet HTML 7Page - Semtech Corporation SC1173 Datasheet HTML 8Page - Semtech Corporation SC1173 Datasheet HTML 9Page - Semtech Corporation SC1173 Datasheet HTML 10Page - Semtech Corporation SC1173 Datasheet HTML 11Page - Semtech Corporation SC1173 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER WITH LOW DROPOUT
REGULATOR CONTROLLER
SC1172/3
© 1999 SEMTECH CORP.
October 25, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
8
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary
for successful implementation of the SC1172/3 PWM
controller. High currents switching at 200kHz are pre-
sent in the application and their effect on ground plane
voltage differentials must be understood and mini-
mized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and
position of ground plane interruptions should be such
as to not unnecessarily compromise ground plane in-
tegrity. Isolated or semi-isolated areas of the ground
plane may be deliberately introduced to constrain
ground currents to particular areas, for example the in-
put capacitor and bottom FET ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q1) and the Bottom FET (Q2) must be kept
as small as possible. This loop contains all the high cur-
rent, fast transition switching. Connections should be as
wide and as short as possible to minimize loop induc-
tance. Minimizing this loop area will a) reduce EMI, b)
lower ground injection currents, resulting in electrically
“cleaner” grounds for the rest of the system and c) mini-
mize source ringing, resulting in more reliable gate
switching signals.
3). The connection between the junction of Q1, Q2 and
the output inductor should be a wide trace or copper
region. It should be as short as practical. Since this
connection has fast voltage transitions, keeping this
connection short will minimize EMI. The connection be-
tween the output inductor and the sense resistor should
be a wide trace or copper area, there are no fast volt-
age or current transitions in this connection and length
is not so important, however adding unnecessary
impedance will reduce efficiency.
Vout
12V IN
5V
Vo Lin
5V
4uH
5mOhm
+
Cout
+
Cin
10
Q2
0.1uF
Q3
+
Cout Lin
2.32k
1.00k
RB
RA
+
Cin Lin
SC1172/3
AGND
1
VCC
5
OVP
6
PWRGOOD
7
CS-
8
CS+
9
PGNDH
10
DH
11
BSTH
15
EN
16
VO SENSE
17
VID4
18
VID3
19
VID2
20
VID1
21
VID0
22
DL
13
PGNDL
12
BSTL
14
NC
24
GATE
2
LDOV
23
LDOS
3
NC
4
Q1
0.1uF
Heavy lines indicate
high current paths.
are not required. LDOS connects to
For SC1172, RA and RB
Vo Lin
Layout diagram for the SC1172/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com